Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8763AM Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8763AM
Description  10-bit high-speed low-power ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8763AM Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8763AM Datasheet HTML 3Page - NXP Semiconductors TDA8763AM Datasheet HTML 4Page - NXP Semiconductors TDA8763AM Datasheet HTML 5Page - NXP Semiconductors TDA8763AM Datasheet HTML 6Page - NXP Semiconductors TDA8763AM Datasheet HTML 7Page - NXP Semiconductors TDA8763AM Datasheet HTML 8Page - NXP Semiconductors TDA8763AM Datasheet HTML 9Page - NXP Semiconductors TDA8763AM Datasheet HTML 10Page - NXP Semiconductors TDA8763AM Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1999 Jan 06
7
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC
TDA8763A
CHARACTERISTICS
VCCA =V3 to V4 = 4.75 to 5.25 V; VCCD =V11 to V12 and V28 to V27 = 4.75 to 5.25 V; VCCO =V13 to V14 = 3.0 to 5.25 V;
AGND and DGND shorted together; Tamb =0to+70 °C; typical values measured at VCCA =VCCD = 5 V and
VCCO = 3.3 V; Vi(p-p) = 2.0 V; CL = 15 pF and Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD1
digital supply voltage 1
4.75
5.0
5.25
V
VCCD2
digital supply voltage 2
4.75
5.0
5.25
V
VCCO
output stages supply voltage
3.0
3.3
5.25
V
∆VCC
supply voltage difference
VCCA − VCCD
−0.20
−
+0.20
V
VCCA − VCCO
−0.20
−
+2.25
V
VCCD − VCCO
−0.20
−
+2.25
V
ICCA
analog supply current
−
18
24
mA
ICCD
digital supply current
−
16
21
mA
ICCO
output stages supply current
fclk = 40 MHz; ramp input
−
12
mA
Inputs
CLOCK INPUT CLK (REFERENCED TO DGND); note 1
VIL
LOW-level input voltage
0
−
0.8
V
VIH
HIGH-level input voltage
2.0
−
VCCD
V
IIL
LOW-level input current
Vclk = 0.8 V
−10
+1
µA
IIH
HIGH-level input current
Vclk = 2.0 V
−
210
µA
Zi
input impedance
fclk = 40 MHz
−
2
−
k
Ω
Ci
input capacitance
−
2
−
pF
INPUTS OE AND TC (REFERENCED TO DGND); see Table 2
VIL
LOW-level input voltage
0
−
0.8
V
VIH
HIGH-level input voltage
2.0
−
VCCD
V
IIL
LOW-level input current
VIL = 0.8 V
−1
−−
µA
IIH
HIGH-level input current
VIH = 2.0 V
−−
1
µA
V
I (ANALOG INPUT VOLTAGE REFERENCED TO AGND)
IIL
LOW-level input current
VI =VRB = 1.3 V
−
0
−µA
IIH
HIGH-level input current
VI =VRT = 3.67 V
−
35
−µA
Zi
input impedance
fi = 4.43 MHz
−
8
−
k
Ω
Ci
input capacitance
−
5
−
pF
Reference voltages for the resistor ladder see Table 1
VRB
reference voltage BOTTOM
1.2
1.3
2.45
V
VRT
reference voltage TOP
3.2
3.67
VCCA − 0.8 V
Vdiff
differential reference voltage
VRT − VRB
2.0
2.37
3.0
V
Iref
reference current
VRT − VRB = 2.37 V
−
9.7
−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com