Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8763AM Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA8763AM
Description  10-bit high-speed low-power ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8763AM Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA8763AM Datasheet HTML 8Page - NXP Semiconductors TDA8763AM Datasheet HTML 9Page - NXP Semiconductors TDA8763AM Datasheet HTML 10Page - NXP Semiconductors TDA8763AM Datasheet HTML 11Page - NXP Semiconductors TDA8763AM Datasheet HTML 12Page - NXP Semiconductors TDA8763AM Datasheet HTML 13Page - NXP Semiconductors TDA8763AM Datasheet HTML 14Page - NXP Semiconductors TDA8763AM Datasheet HTML 15Page - NXP Semiconductors TDA8763AM Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
1999 Jan 06
12
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC
TDA8763A
Table 1
Output coding and input voltage (typical values; referenced to AGND, VRB = 1.3 V, VRT = 3.67 V)
Table 2
Mode selection
STEP
Vi(p-p)
IR
BINARY OUTPUT BITS
TWO’S COMPLEMENT OUTPUT BITS
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
U/F
<1.475
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0000000
0
1.475
1
0
0
0
0
0
0
0
0
0
0
1
0
0
0000000
1
.
1
0
0
0
0
0
0
0
0
0
1
1000000001
.
.
.
.
.
.
.
.
.
.
.
.
.
..........
.
.
.
.
.
.
.
.
.
.
.
.
.
..........
1022
.
1
1
1
1
1
1
1
1
1
1
0
0111111110
1023
3.495
1
1
1
1
1
1
1
1
1
1
1
0
1
1
1111111
O/F
>3.495
0
1
1
1
1
1
1
1
1
1
1
0
1
1
1111111
TC
OE
D9 to D0
IR
X
1
high impedance
high impedance
0
0
active; twos complement
active
1
0
active; binary
active
Fig.4 Timing diagram.
handbook, full pagewidth
ds
t
sample N + 1
sample N
CLK
MBG916
sample N + 2
0 V
50%
VCCO
0 V
50%
VCCO
V
l
DATA
D0 to D9
t d
t h
CPH
t
CPL
t
DATA
N + 1
DATA
N
DATA
N - 1
DATA
N - 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com