Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8763AM Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8763AM
Description  10-bit high-speed low-power ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8763AM Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8763AM Datasheet HTML 7Page - NXP Semiconductors TDA8763AM Datasheet HTML 8Page - NXP Semiconductors TDA8763AM Datasheet HTML 9Page - NXP Semiconductors TDA8763AM Datasheet HTML 10Page - NXP Semiconductors TDA8763AM Datasheet HTML 11Page - NXP Semiconductors TDA8763AM Datasheet HTML 12Page - NXP Semiconductors TDA8763AM Datasheet HTML 13Page - NXP Semiconductors TDA8763AM Datasheet HTML 14Page - NXP Semiconductors TDA8763AM Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1999 Jan 06
11
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC
TDA8763A
3. In order to ensure the optimum linearity performance of such converter architecture the lower and upper extremities
of the converter reference resistor ladder (corresponding to output codes 0 and 1023 respectively) are connected to
pins VRB and VRT via offset resistors ROB and ROT as shown in Fig.3.
a) The current flowing into the resistor ladder is
and the full-scale input range at the converter,
to cover code 0 to code 1023, is
b) Since RL, ROB and ROT have similar behaviour with respect to process and temperature variation, the ratio
will be kept reasonably constant from device to device. Consequently variation of the output
codes at a given input voltage depends mainly on the difference VRT − VRB and its variation with temperature and
supply voltage. When several ADCs are connected in parallel and fed with the same reference source, the
matching between each of them is then optimized.
4.
5. The analog bandwidth is defined as the maximum input sine wave frequency which can be applied to the device.
No glitches greater than 2 LSBs, neither any significant attenuation are observed in the reconstructed signal.
6. The analog input settling time is the minimum time required for the input signal to be stabilized after a sharp full-scale
input (square wave signal) in order to sample the signal and obtain correct output data.
7. Effective bits are obtained via a Fast Fourier Transform (FFT) treatment taking 8K acquisition points per equivalent
fundamental period. The calculation takes into account all harmonics and noise up to half of the clock frequency
(NYQUIST frequency). Conversion to signal-to-noise ratio: SINAD = ENOB
× 6.02 + 1.76 dB.
8. Intermodulation measured relative to either tone with analog input frequencies of 4.43 MHz and 4.53 MHz. The two
input signals have the same amplitude and the total amplitude of both signals provides full-scale to the converter.
9. Measurement carried out using video analyser VM700A, where the video analog signal is reconstructed through a
digital-to-analog converter.
10. Output data acquisition: the output data is available after the maximum delay time of td(max). For 50 MHz version it is
recommended to have the lowest possible output load.
I
L
V
RT
V
RB
–
R
OB
R
L
R
OT
++
------------------------------------------
=
V
I
R
L
I
L
×
R
L
R
OB
R
L
R
OT
++
------------------------------------------
==
V
(
RT
×
V
RB
–
)
+
0.
˙ 852
V
(
RT
V
RB )
–
×
=
RL
ROB
RL
ROT
++
------------------------------------------------
E
G
V
1023
V
0
–
() V
ip
p
–
()
–
V
ip
p
–
()
------------------------------------------------------------
100
×
=
Fig.3 Explanation of note 3.
handbook, halfpage
RLAD
ROT
VRT
VRM
VRB
ROB
code 1023
code 0
MGD281
IL
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com