Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8764ATS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8764ATS
Description  10-bit high-speed low-power ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8764ATS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8764ATS Datasheet HTML 3Page - NXP Semiconductors TDA8764ATS Datasheet HTML 4Page - NXP Semiconductors TDA8764ATS Datasheet HTML 5Page - NXP Semiconductors TDA8764ATS Datasheet HTML 6Page - NXP Semiconductors TDA8764ATS Datasheet HTML 7Page - NXP Semiconductors TDA8764ATS Datasheet HTML 8Page - NXP Semiconductors TDA8764ATS Datasheet HTML 9Page - NXP Semiconductors TDA8764ATS Datasheet HTML 10Page - NXP Semiconductors TDA8764ATS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2000 Jul 03
7
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC
TDA8764A
CHARACTERISTICS
VCCA = 4.75 to 5.25 V; VCCD = 4.75 to 5.25 V; VCCO = 2.7 to 3.6 V; AGND and DGND shorted together;
Tamb = 0 to 70 °C; typical values measured at VCCA =VCCD =5V; VCCO = 3.3 V; VRB = 1.3 V; VRT = 3.7 V; CL =10pF
and Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output stages supply voltage
2.7
3.3
3.6
V
∆V
CC
supply voltage difference
between
VCCA − VCCD
−0.20
−+0.20
V
VCCA − VCCO
−0.20
−
+2.55
V
VCCD − VCCO
−0.20
−
+2.55
V
ICCA
analog supply current
−
29
37
mA
ICCD
digital supply current
−
33
40
mA
ICCO
output stages supply current
fclk = 60 MHz; ramp input
−
0.5
2.0
mA
Inputs
PIN CLK (REFERENCED TO DGND); note 1
VIL
LOW-level input voltage
0
−
0.8
V
VIH
HIGH-level input voltage
2
−
VCCD
V
IIL
LOW-level input current
VCLK = 0.8 V
−10
+1
µA
IIH
HIGH-level input current
VCLK =2V
−
210
µA
Ci
input capacitance
−
2
−
pF
PINS OE; TC AND GRAY (REFERENCED TO DGND); see Tables 3 and 4
VIL
LOW-level input voltage
0
−
0.8
V
VIH
HIGH-level input voltage
2
−
VCCD
V
IIL
LOW-level input current
VIL = 0.8 V
−1
−−
µA
IIH
HIGH-level input current
VIH =2V
−−
1
µA
PIN V
I (ANALOG INPUT VOLTAGE REFERENCED TO AGND)
IIL
LOW-level input current
VI =VRB = 1.3 V
−
0
−µA
IIH
HIGH-level input current
VI =VRT = 3.7 V
−
55
−µA
Yi
input admittance
fi = 5 MHz; note 2
Ri input resistance
−
45
−
k
Ω
Ci input capacitance
3
5
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com