Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8764ATS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8764ATS
Description  10-bit high-speed low-power ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8764ATS Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8764ATS Datasheet HTML 1Page - NXP Semiconductors TDA8764ATS Datasheet HTML 2Page - NXP Semiconductors TDA8764ATS Datasheet HTML 3Page - NXP Semiconductors TDA8764ATS Datasheet HTML 4Page - NXP Semiconductors TDA8764ATS Datasheet HTML 5Page - NXP Semiconductors TDA8764ATS Datasheet HTML 6Page - NXP Semiconductors TDA8764ATS Datasheet HTML 7Page - NXP Semiconductors TDA8764ATS Datasheet HTML 8Page - NXP Semiconductors TDA8764ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2000 Jul 03
2
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC
TDA8764A
FEATURES
• 10-bit resolution (binary or gray code)
• Sampling rate up to 60 MHz
• DC sampling allowed
• One clock cycle conversion only
• High signal-to-noise ratio over a large analog input
frequency range (9.3 effective bits at 5 MHz full-scale
input at fclk = 60 MHz)
• No missing codes guaranteed
• In Range (IR) CMOS output
• TTL and CMOS levels compatible digital inputs
• 2.7 to 3.6 V CMOS digital outputs
• Low-level AC clock input signal allowed
• Power dissipation only 312 mW
• Low analog input capacitance, no buffer amplifier
required
• No sample-and-hold circuit required.
APPLICATIONS
High-speed analog-to-digital conversion for:
• Video data digitizing
• Radar pulse analysis
• High energy physics research
• Transient signal analysis
•Σ∆ modulators
• Medical imaging.
GENERAL DESCRIPTION
The TDA8764A is a 10-bit high-speed low-power
Analog-to-Digital Converter (ADC) for professional video
and other applications. It converts the analog input signal
into 10-bit binary or gray coded digital words at a maximum
sampling rate of 60 MHz. All digital inputs and outputs are
TTL and CMOS compatible, although a low-level sine
wave clock input signal is allowed.
The device requires an external source to drive its
reference ladder.
ORDERING INFORMATION
QUICK REFERENCE DATA
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8764ATS/6
SSOP28
plastic shrink small outline package; 28 leads; body width 5.3 mm
SOT341-1
TDA8764AHL/6
LQFP32
plastic low profile quad flat package; 32 leads; body 5
× 5 × 1.4 mm
SOT401-1
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output stages supply voltage
2.7
3.3
3.6
V
ICCA
analog supply current
−
29
37
mA
ICCD
digital supply current
−
33
40
mA
ICCO
output stages supply current
fclk = 60 MHz; ramp input −
0.5
2.0
mA
INL
integral non-linearity
fclk = 60 MHz; ramp input −±0.8
±2
LSB
DNL
differential non-linearity
fclk = 60 MHz; ramp input −±0.35
±0.9
LSB
fclk(max)
maximum clock frequency
TDA8764ATS and
TDA8764AHL
60
−−
MHz
Ptot
total power dissipation
fclk = 60 MHz; ramp input −
312
411
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com