Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8764ATS Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8764ATS
Description  10-bit high-speed low-power ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8764ATS Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8764ATS Datasheet HTML 13Page - NXP Semiconductors TDA8764ATS Datasheet HTML 14Page - NXP Semiconductors TDA8764ATS Datasheet HTML 15Page - NXP Semiconductors TDA8764ATS Datasheet HTML 16Page - NXP Semiconductors TDA8764ATS Datasheet HTML 17Page - NXP Semiconductors TDA8764ATS Datasheet HTML 18Page - NXP Semiconductors TDA8764ATS Datasheet HTML 19Page - NXP Semiconductors TDA8764ATS Datasheet HTML 20Page - NXP Semiconductors TDA8764ATS Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
2000 Jul 03
17
Philips Semiconductors
Product specification
10-bit high-speed low-power ADC
TDA8764A
APPLICATION INFORMATION
handbook, halfpage
28
27
26
25
24
23
22
21
20
19
18
17
TDA8764ATS
VCCO
D3
D4
D5
D6
D7
D8
D9
D2
D1
D0
GRAY
VCCD
VCCA
1
2
3
4
5
6
7
8
9
10
11
12
CLK
AGND
n.c.
n.c.
n.c.
VRB
VRM
VRT
FCE265
16
15
13
14
100 nF
100 nF
100 nF
DGND
OGND
IR
OE
TC
AGND
AGND
AGND
100 nF
V I
(1)
(1)
(1)
100 nF
100 nF
(2)
(3)
(2)
(2)
33
Ω
The analog and digital supplies should be separated and well decoupled.
An application note is available and describes the design and the realization of a demoboard that uses TDA8764ATS with an application environment.
(1) VRB, VRM and VRT are decoupled to AGND.
(2) Decoupling capacitor for supplies must be placed close to the device.
(3) This resistor is mandatory (33
Ω is its minimum value) and must be near the clock source.
Fig.13 Application diagram (SSOP28).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com