Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8376ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8376ACPZ-R7
Description  Ultralow Distortion IF Dual VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8376ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8376ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8376
Data Sheet
Rev. B | Page 14 of 24
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
1µH
1µH
IPA+
IPA–
GNDA VCCA OPA+ OPA–
25
30
29
28
A1
A0
32
31
27
26
IPB+
IPB– GNDB VCCB OPB+
OPB–
16
11
12
13
B1
B0
910
14
15
24
23
22
21
20
19
1
2
3
4
5
6
A2
A3
A4
VCMA
VCMB
B4
7
8
B3
B2
OPA+
OPA–
ENBA
GNDA
GNDB
ENBB
18
17
OPB–
OPB+
AD8376
AC
RS
2
RS
2
BALANCED
SOURCE
0.1µF
0.1µF
AC
RS
2
RS
2
BALANCED
SOURCE
CHANNEL A PARALLEL
CONTROL INTERFACE
CHANNEL B PARALLEL
CONTROL INTERFACE
RL
BALANCED
LOAD
0.1µF
10µF
0.1µF
10µF
+VS
+VS
0.1µF
0.1µF
RL
BALANCED
LOAD
+VS
1µH
1µH
Figure 36. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com