Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8376ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8376ACPZ-R7
Description  Ultralow Distortion IF Dual VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8376ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8376ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AD8376
Rev. B | Page 21 of 24
Table 6. Evaluation Board Configuration Options
Components
Function
Default Conditions
C13, C14, C20 to C22,
C64 to C67, R90, R91
Power Supply Decoupling. Nominal supply decoupling consists a
10 µF capacitor to ground followed by 0.1 µF capacitors to ground
positioned as close to the device as possible.
C20 = 10 µF (size 3528)
C13, C14 = 0.1 µF (size 0402)
C21, C22, C64 to C67 = 0.1 µF
(size 0603)
R90, R91 = 0 Ω (size 0603)
T1, T2, C1 to C4, C61, C62,
R1 to R4, R9 to R12,
R70 to R75
Input Interface. T1 and T2 are 3:1 impedance ratio baluns to
transform a 50 Ω single-ended input into a 150 Ω balanced
differential signal. R1 and R4 ground one side of the differential drive
interface for single-ended applications. R9 to R12 and R70 to R75 are
provided for generic placement of matching components. C1 to C4
are dc blocks.
T1, T2 = TC3-1+ (Mini-Circuits)
C1 to C4, C60, C61 = 0.1 µF (size 0402)
R1, R4, R9 to R12 = 0 Ω (size 0402)
R2, R3, R70 to R75 = open (size 0402)
T3, T4, C7 to C10,
L1 to L4, R15 to R32,
R62, R63, C62, C63
Output Interface. C7 to C10 are dc blocks. L1 to L4 provide dc biases
for the outputs. R19 to R28 are provided for generic placement of
matching components. The evaluation board is configured to
provide a 150 Ω to 50 Ω impedance transformation with an insertion
loss of about 11 dB. T3 and T4 are 1:1 impedance ratio baluns to
transform the balanced differential signals to single-ended signals.
R29 and R32 ground one side of the differential output interface for
single-ended applications.
C7 to C10 = 0.1 µF (size 0402)
L1 to L4 = 1 µH (size 0805)
T3, T4 = ETC1-1-13 (M/A-COM)
R19 to R22 = 61.9 Ω (size 0402)
R23, R25, R26, R28 = 30.9 Ω (size 0402)
R15 to R18 = 0 Ω (size 0603)
R29, R32 = 0 Ω (size 0402)
R24, R27, R30, R31, R62, R63 = open
(size 0402)
C62, C63 = 0.1 µF (size 0402)
PUA, PUB, R13, R14,
C5, C6
Enable Interface. The AD8376 is enabled by applying a logic high
voltage to the ENBA pin for Channel A or the ENBB pin for Channel B.
Channel A is enabled when the PUA switch is set in the up position,
connecting the ENBA pin to VPOS. Likewise, Channel B is enabled
when the PUB switch is set in the up position, connecting the ENBB
pin to VPOS. Both channels are disabled by setting the switches to
the down position, connecting the ENBA and ENBB pins to GND.
PUA, PUB = installed
R13, R14 = 0 Ω (size 0603)
C5, C6 = open (size 0603)
WA0 to WA4, WB0 to WB4
Parallel Interface Control. Used to hardwire A0 through A4 and B0
through B4 to the desired gain. The bank of switches WA0 to WA4 set
the binary gain code for Channel A. The bank of switches WB0 to
WB4 set the binary gain code for Channel B. WA0 and WB0 represent
the LSB for each of the respective channels.
WA0 to WA4, WB0 to WB4 = installed
C11, C12
Voltage Reference. Input common-mode voltage ac-coupled to
ground by 0.1 µF capacitors, C11 and C12.
C11, C12 = 0.1 µF (size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com