Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8376ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8376ACPZ-R7
Description  Ultralow Distortion IF Dual VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8376ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8376ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Ultralow Distortion IF Dual VGA
Data Sheet
AD8376
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual independent digitally controlled VGAs
Bandwidth of 700 MHz (−3 dB)
Gain range: −4 dB to +20 dB
Step size: 1 dB ± 0.2 dB
Differential input and output
Noise figure: 8.7 dB @ maximum gain
Output IP3 of ~50 dBm at 200 MHz
Output P1dB of 20 dBm at 200 MHz
Dual parallel 5-bit control interface
Provides constant SFDR vs. gain
Power-down control
Single 5 V supply operation
32-lead, 5 mm x 5 mm LFCSP
APPLICATIONS
Differential ADC drivers
Main and diversity IF sampling receivers
Wideband multichannel receivers
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
POST-AMP
α
CHANNEL A
GAIN
DECODER
CHANNEL B
GAIN
DECODER
A0
A1
A2
A3
A4
B0
B1
B2
B3
B4
GNDA
VCCA
GNDB
VCCB
AD8376
IPA+
IPA–
VCMA
VCMB
OPA+
OPA+
ENBB
OPA–
OPA–
ENBA
POST-AMP
α
IPB+
IPB–
OPB+
OPB+
OPB–
OPB–
Figure 1.
GENERAL DESCRIPTION
The AD8376 is a dual channel, digitally controlled, variable gain
wide bandwidth amplifier that provides precise gain control,
high IP3, and low noise figure. The excellent distortion perform-
ance and high signal bandwidth make the AD8376 an excellent
gain control device for a variety of receiver applications.
Using an advanced high speed SiGe process and incorporating
proprietary distortion cancellation techniques, the AD8376
achieves 50 dBm output IP3 at 200 MHz.
The AD8376 provides a broad 24 dB gain range with 1 dB
resolution. The gain of each channel is adjusted through
dedicated 5-pin control interfaces and can be driven using
standard TTL levels. The open-collector outputs provide a
flexible interface, allowing the overall signal gain to be set by
the loading impedance. Thus, the signal voltage gain is directly
proportional to the load.
Each channel of the AD8376 can be individually powered on by
applying the appropriate logic level to the ENBA and ENBB
power enable pins. The quiescent current of the AD8376 is
typically 130 mA per channel. When powered down, the
AD8376 consumes less than 5 mA and offers excellent input-to-
output isolation, lower than −50 dB at 200 MHz.
Fabricated on an Analog Devices, Inc., high speed SiGe process,
the AD8376 is supplied in a compact, thermally enhanced,
5 mm × 5mm 32-lead LFCSP package and operates over the
temperature range of −40°C to +85°C.
–40
–60
–50
–70
–90
–80
–100
–110
65
55
60
50
40
45
35
30
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
OIP3
HD2
HD3
Figure 2. Harmonic Distortion and Output IP3 vs. Frequency


Similar Part No. - AD8376ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8376ACPZ-R7 AD-AD8376ACPZ-R7 Datasheet
935Kb / 24P
Ultralow Distortion IF Dual VGA
REV. A
AD8376ACPZ-R7 AD-AD8376ACPZ-R7 Datasheet
1Mb / 24P
Ultralow Distortion IF Dual VGA
10/13-Rev. A to Rev. B
More results

Similar Description - AD8376ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8376 AD-AD8376 Datasheet
620Kb / 12P
Ultra Low Distortion IF Dual VGA
AD8599 AD-AD8599 Datasheet
449Kb / 16P
Dual Ultralow Distortion, Ultralow Noise Op Amp
2/07-Revision 0
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8375 AD-AD8375_1 Datasheet
792Kb / 24P
Ultralow Distortion IF VGA
REV. 0
AD8376 AD-AD8376_1 Datasheet
935Kb / 24P
Ultralow Distortion IF Dual VGA
REV. A
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8375 AD-AD8375_15 Datasheet
716Kb / 24P
Ultralow Distortion IF VGA
REV. A
AD8375 AD-AD8375_17 Datasheet
735Kb / 24P
Ultralow Distortion IF VGA
Aug-2017
AD8376 AD-AD8376_13 Datasheet
1Mb / 24P
Ultralow Distortion IF Dual VGA
10/13-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com