Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8505ARJZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8505ARJZ-R2
Description  20 μA Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8505ARJZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8505ARJZ-R2 Datasheet HTML 1Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 2Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 3Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 4Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 5Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 6Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 7Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 8Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
20 μA Maximum, Rail-to-Rail I/O,
Zero Input Crossover Distortion Amplifiers
Data Sheet
AD8505/AD8506/AD8508
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
PSRR: 100 dB minimum
CMRR: 105 dB typical
Very low supply current: 20 μA per amplifier maximum
1.8 V to 5 V single supply or ±0.9 V to ±2.5 V dual supply
Rail-to-rail input/output
Low noise: 45 nV/√Hz at 1 kHz
2.5 mV offset voltage maximum
Very low input bias current: 1 pA typical
APPLICATIONS
Pressure and position sensors
Remote security
Bio sensors
IR thermometers
Battery-powered consumer equipment
Hazard detectors
GENERAL DESCRIPTION
The AD8505/AD8506/AD8508 are single, dual, and quad micro-
power amplifiers featuring rail-to-rail input/output swings while
operating from a single 1.8 V to 5 V power supply or from dual
±0.9 V to ±2.5 V power supplies. Using a new circuit technology,
these amplifiers offer zero input crossover distortion (excellent
PSRR and CMRR performance) and low bias current while
operating with a supply current of less than 20 μA per amplifier.
This amplifier family offers the lowest noise in its power class.
This combination of features makes the AD8505/AD8506/AD8508
amplifiers ideal choices for battery-powered applications because
they minimize errors due to power supply voltage variations over
the lifetime of the battery and maintain high CMRR even for a rail-
to-rail input op amp. Remote battery-powered sensors, handheld
instrumentation, consumer equipment, hazard detection (for
example, smoke, fire, and gas), and patient monitors can benefit
from the features of the AD8505/AD8506/AD8508 amplifiers.
The AD8505/AD8506/AD8508 are specified for both the industrial
temperature range of −40°C to +85°C and the extended industrial
temperature range of −40°C to +125°C. The AD8505 single ampli-
fier is available in a tiny 5-lead SOT-23 and a 6-ball WLCSP
packages. The AD8506 dual amplifier is available in 8-lead MSOP
and 8-ball WLCSP packages. The AD8508 quad amplifier is
available in 14-lead TSSOP and 14-ball WLCSP packages. The
AD8505/AD8506/AD8508 are members of a growing series of
zero crossover distortion op amps offered by Analog Devices,
Inc., including the ADA4505-1/ADA4505-2/ADA4505-4, that
operate from a single 1.8 V to 5 V supply or from dual ±0.9 V to
±2.5 V power supplies.
PIN CONFIGURATIONS
OUT 1
+IN 3
V– 2
V+
5
–IN
4
AD8505
TOP VIEW
(Not to Scale)
OUT
V+
V–
+IN
–IN
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
A1
A2
B1
B2
C1
C2
BALL A1
INDICATOR
NC
AD8505
NC = NO CONNECT
Figure 1. 5-Lead SOT-23 (RJ-5)
Figure 2. 6-Ball WLCSP (CB-6-7)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8506
TOP VIEW
(Not to Scale)
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
BALL A1
CORNER
A1
A2
A3
B1
B3
C1
C2
C3
AD8506
+IN B
V–
+IN A
–IN B
–IN A
OUT B
V+
OUT A
Figure 3. 8-Lead MSOP (RM-8)
Figure 4. 8-Ball WLCSP (CB-8-2)
OUT A 1
–IN A 2
+IN A 3
V+ 4
OUT D
–IN D
+IN D
V–
14
13
12
11
+IN B 5
–IN B 6
OUT B 7
+IN C
–IN C
OUT C
10
9
8
AD8508
TOP VIEW
(Not to Scale)
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
A1
B1
C1
D1
E1
A2
B2
C3
D2
E2
A3
B3
D3
E3
OUTD
OUTA
–INA
–IND
V–
+INA
+IND
+INB
+INC
V+
–INB
–INC
OUTC
AD8508
OUTB
BALL A1
CORNER
Figure 5. 14-Lead TSSOP (RU-14)
Figure 6. 14-Ball WLCSP (CB-14-1)


Similar Part No. - AD8505ARJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8505ARJZ-R2 AD-AD8505ARJZ-R2 Datasheet
655Kb / 20P
20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Rev. E
More results

Similar Description - AD8505ARJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8506 AD-AD8506_07 Datasheet
535Kb / 20P
20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
ADA4505-2 AD-ADA4505-2 Datasheet
708Kb / 20P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. 0
ADA4505-4 AD-ADA4505-4 Datasheet
825Kb / 20P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
ADA4500-2 AD-ADA4500-2_12 Datasheet
1Mb / 24P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
ADA4500-2 AD-ADA4500-2_13 Datasheet
1Mb / 25P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4505-2ARMZ AD-ADA4505-2ARMZ Datasheet
846Kb / 24P
10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
AD8505 AD-AD8505_16 Datasheet
655Kb / 20P
20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Rev. E
ADA4505-1 AD-ADA4505-1_16 Datasheet
846Kb / 24P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Rev. D
ADA4500-2 AD-ADA4500-2_16 Datasheet
1Mb / 25P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
logo
Texas Instruments
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com