Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8505ARJZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8505ARJZ-R2
Description  20 μA Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8505ARJZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8505ARJZ-R2 Datasheet HTML 6Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 7Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 8Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 9Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 10Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 11Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 12Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 13Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AD8505/AD8506/AD8508
Data Sheet
Rev. F | Page 10 of 21
TA = 25°C, unless otherwise noted.
120
100
80
60
40
20
0
–20
–40
–60
–80
–120
–100
120
100
80
60
40
20
0
–20
–40
–60
–80
–120
–100
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN
PHASE
GAIN, CL = 0pF
PHASE, CL = 0pF
GAIN, CL = 50pF
PHASE, CL = 50pF
GAIN, CL = 100pF
PHASE, CL = 100pF
VSY = 1.8V
Figure 25. Open-Loop Gain and Phase vs. Frequency
FREQUENCY (Hz)
50
40
30
20
10
0
–10
–20
–30
–40
–50
100
1M
1k
10k
100k
VSY = 1.8V
G= –1
G= –10
G= –100
Figure 26. Closed-Loop Gain vs. Frequency
10k
1k
100
10
1
0.1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 1.8V
G = 100
G = 10
G = 1
Figure 27. ZOUT vs. Frequency
120
100
80
60
40
20
0
–20
–40
–60
–80
–100
120
100
80
60
40
20
0
–20
–40
–60
–80
–100
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN
PHASE
GAIN, CL = 0pF
PHASE, CL = 0pF
GAIN, CL = 50pF
PHASE, CL = 50pF
GAIN, CL = 100pF
PHASE, CL = 100pF
VSY = 5V
Figure 28. Open-Loop Gain and Phase vs. Frequency
FREQUENCY (Hz)
50
40
30
20
10
0
–10
–20
–30
–40
–50
100
1M
1k
10k
100k
VSY = 5V
G= –1
G= –10
G= –100
Figure 29. Closed-Loop Gain vs. Frequency
10k
1k
100
10
1
0.1
0.01
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 5V
G = 100
G = 10
G = 1
Figure 30. ZOUT vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com