Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8505ARJZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8505ARJZ-R2
Description  20 μA Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8505ARJZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8505ARJZ-R2 Datasheet HTML 11Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 12Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 13Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 14Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 15Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 16Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 17Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 18Page - Analog Devices AD8505ARJZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
AD8505/AD8506/AD8508
Rev. F | Page 15 of 21
The charge pump has been carefully designed so that switching
noise components at any frequency, both within and beyond the
amplifier bandwidth, are much lower than the thermal noise floor.
Therefore, the spurious-free dynamic range (SFDR) is limited only
by the input signal and the thermal or flicker noise. There is no
intermodulation between the input signal and the switching noise.
Figure 47 displays a typical front-end section of an operational
amplifier with an on-chip charge pump.
Q2
Q1
VPP
VBIAS
+IN
–IN
OUT
CASCODE
STAGE
AND
RAIL-TO-RAIL
OUTPUT
STAGE
VDD
VSS
VPP = POSITIVE PUMPED VOLTAGE = VDD + 1.8V
Figure 47. Typical Front-End Section of an Op Amp
with Embedded Charge Pump
Figure 48, the input offset voltage vs. input common-mode voltage
response, shows the typical response of 12 devices. Figure 48 is
expanded to make it easier to compare with Figure 46, the typical
input offset voltage vs. common-mode voltage response in a
dual differential pair input stage op amp.
VCM (V)
0
–300
–100
100
300
1.5
3.5
5.0
1.0
0.5
2.5
4.5
4.0
3.0
2.0
–200
–150
–250
–50
0
50
150
200
250
VSY = 5V, TA = 25°C
Figure 48. Input Offset Voltage vs. Input Common-Mode Voltage Response
(Powered by a 5 V Supply; Results of 12 Units Are Displayed)
This solution improves the CMRR performance tremendously.
For instance, if the input varies from rail to rail on a 2.5 V
supply rail, using a part with a CMRR of 70 dB minimum, an
input-referred error of 790 µV is introduced. Another part with
a CMRR of 52 dB minimum generates a 6.3 mV error. The
AD8505/AD8506/AD8508 CMRR of 90 dB minimum causes only
a 79 µV error. As with the PSRR error, there are complex ways to
minimize this error, but the AD8505/AD8506/AD8508 amplifiers
solve this problem without incurring unnecessary circuitry
complexity or increased cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com