Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JT05N065RED-R-AR Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JT05N065RED-R-AR
Description  N-CHANNEL IGBT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JT05N065RED-R-AR Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JT05N065RED-R-AR Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
R
JT05N065RED/SED/FED/CED
版本:202309J
3/12
电特性 ELECTRICAL CHARACTERISTICS
项
目
Parameter
符 号
Symbol
测试条件
Tests conditions
最小
Min
典型
Typ
最大
Max
单位
Units
关态特性 Off
–Characteristics
集电极-发射极击穿电压
Collector-Emitter Voltage
BVCES
IC=500μA, VGE=0V
650
-
-
V
击穿电压温度特性
Breakdown Voltage Temperature
Coefficient
ΔBVCES/ΔTJ IC=1mA, referenced to 25℃
-
0.5
-
V/
℃
零栅压下集电极漏电流
Zero Gate Voltage Collector Current
ICES
VCE=650V,
VGE=0V, TC=25℃
-
-
10
μA
正向栅极体漏电流
Gate-body leakage current, forward
IGESF
VCE=0V,
VGE =20V
-
-
200
nA
反向栅极体漏电流
Gate-body leakage current, reverse
IGESR
VCE=0V,
VGE =-20V
-
-
-200
nA
通态特性 On-Characteristics
阈值电压
Gate Threshold Voltage
VGE(th)
VCE = VGE ,
IC=250μA
4.5
-
6.5
V
饱和压降
Collector-Emitter saturation Voltage
VCESAT
VGE=15V
IC=5A
Tc=25℃
-
1.5
1.8
V
VGE=15V
IC=6A
Tc=25℃
-
1.6
1.9
V
动态特性 Dynamic Characteristics
输入电容 Input capacitance
Cies
VCE=25V,
VGE=0V,
f=1.0MHZ
-
259
-
pF
输出电容 Output capacitance
Coes
-
31.3
-
pF
反向传输电容
Reverse transfer capacitance
Cres
-
10.3
-
pF
栅极电荷总量-Total Gate Charge
Qg
VCC=480V,Ic=5A, VGE=15 V
TC=25℃(note 2)
-
13.7
-
nC
栅极-发射极电荷
Gate to emitter charge
Qge
-
2.3
-
栅极-集电极电荷
Gate to collector charge
Qgc
-
5.8
-
栅极电荷总量-Total Gate Charge
Qg
VCC=480V,Ic=6A, VGE=15 V
TC=25℃(note 2)
-
16.8
-
nC
栅极-发射极电荷
Gate to emitter charge
Qge
-
6.3
-
栅极-集电极电荷
Gate to collector charge
Qgc
-
2.8
-
栅极电阻-Gate resistance
Rg
f=1 MHz, open collector
-
2.0 -
Ω
短路电流-Short current
Isc
VGE=15V VCE=360V
TJstart≤150℃ tsc≤10µs
-
40
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com