Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JT05N065RED-R-AR Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JT05N065RED-R-AR
Description  N-CHANNEL IGBT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JT05N065RED-R-AR Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JT05N065RED-R-AR Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
R
JT05N065RED/SED/FED/CED
版本:202309J
5/12
反并联二极管特性及最大额定值 Anti-Parallel Diode Characteristics and Maximum Ratings
正向压降
Diode Forward Voltage
VF
VGE=0V, IF=2.5A, Tj=25℃
-
1.5
1.8
V
正向压降
Diode Forward Voltage
VF
VGE=0V, IF=3.0A, Tj=25℃
-
1.6
1.9
V
反向恢复时间
Diode Reverse recovery time
trr
VGE=0V, VR=400V IF=5A
dIF/dt=200A/μs, Tj=25℃
-
70
-
ns
反向恢复电荷
Diode Reverse recovery charge
Qrr
-
145
-
nC
反向恢复电流
Diode Reverse recovery Current
Irrm
-
4.0
-
A
反向恢复时间
Diode Reverse recovery time
trr
VGE=0V, VR=400V IF=6A
dIF/dt=200A/μs
-
76
-
ns
反向恢复电荷
Diode Reverse recovery charge
Qrr
-
156
-
nC
反向恢复电流
Diode Reverse recovery Current
Irrm
-
4.4
-
A
项
目
Parameter
符
号
Symbol
最大值 MAX
单 位
Unit
JT05N065RED
JT05N065SED/CEDJT05N065FED
结到管壳的热阻-IGBT
Thermal Resistance, Junction to Case
Rth(j-c)
2.2
1.8
5
℃/W
结到环境的热阻
Thermal Resistance, Junction to Ambient
Rth(j-A)
110
62
65
℃/W
注释:
1:脉冲宽度由最高结温限制
2:基本与工作温度无关
3:脉冲测试:脉冲宽度
≤300μs,占空比≤2%
Notes:
1:Pulse width limited by maximum junction temperature
2:Essentially independent of operating temperature
3:Pulse Test:
Pulse Width ≤300μs,Duty Cycle≤2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com