Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JT05N065RED-R-AR Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JT05N065RED-R-AR
Description  N-CHANNEL IGBT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JT05N065RED-R-AR Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JT05N065RED-R-AR Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RED-R-AR Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
R
JT05N065RED/SED/FED/CED
版本:202309J
4/12
电特性 ELECTRICAL CHARACTERISTICS
开关特性 Switching Characteristics
项
目
Parameter
符 号
Symbol
测试条件
Tests conditions
最小
Min
典型
Typ
最大
Max
单位
Units
开启延迟时间 Turn-On delay time
td(on)
VCC=400V,Ic=5A,RG=60Ω
VGE=15 V
Tj=25℃
(note 3)
-
22
-
ns
上升时间 Turn-On rise time
tr
-
15
-
ns
关断延迟时间 Turn-Off delay time
td(off)
-
104
-
ns
下降时间 Turn-Off Fall time
tf
-
32
-
ns
开通损耗 Turn-On energy
Eon
-
132
-
μJ
关断损耗 Turn-off energy
Eoff
-
65
-
μJ
总开关损耗 Total switching energy
Etot
-
197
-
μJ
开启延迟时间 Turn-On delay time
td(on)
VCC=400V,Ic=6A,RG=60Ω
VGE=15 V
Tj=25℃
(note 3)
-
23
-
ns
上升时间 Turn-On rise time
tr
-
17
-
ns
关断延迟时间 Turn-Off delay time
td(off)
-
101
-
ns
下降时间 Turn-Off Fall time
tf
-
31
-
ns
开通损耗 Turn-On energy
Eon
-
140
-
μJ
关断损耗 Turn-off energy
Eoff
-
69
-
μJ
总开关损耗 Total switching energy
Etot
-
209
-
μJ
开启延迟时间 Turn-On delay time
td(on)
VCC=400V,Ic=5A,RG=60Ω
VGE=15 V
Tj=150℃
(note 3)
-
25
-
ns
上升时间 Turn-On rise time
tr
-
19
-
ns
关断延迟时间 Turn-Off delay time
td(off)
-
110
-
ns
下降时间 Turn-Off Fall time
tf
-
35
-
ns
开通损耗 Turn-On energy
Eon
-
145
-
μJ
关断损耗 Turn-off energy
Eoff
-
73
-
μJ
总开关损耗 Total switching energy
Etot
-
218
-
μJ
开启延迟时间 Turn-On delay time
td(on)
VCC=400V,Ic=6A,RG=60Ω
VGE=15 V
Tj=150℃
(note 3)
-
27
-
ns
上升时间 Turn-On rise time
tr
-
23
-
ns
关断延迟时间 Turn-Off delay time
td(off)
-
107
-
ns
下降时间 Turn-Off Fall time
tf
-
34
-
ns
开通损耗 Turn-On energy
Eon
-
149
-
μJ
关断损耗 Turn-off energy
Eoff
-
78
-
μJ
总开关损耗 Total switching energy
Etot
-
227
-
μJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com