Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1821 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1821
Description  Programmable Digital Thermostat and Thermometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1821 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1821 Datasheet HTML 9Page - Dallas Semiconductor DS1821 Datasheet HTML 10Page - Dallas Semiconductor DS1821 Datasheet HTML 11Page - Dallas Semiconductor DS1821 Datasheet HTML 12Page - Dallas Semiconductor DS1821 Datasheet HTML 13Page - Dallas Semiconductor DS1821 Datasheet HTML 14Page - Dallas Semiconductor DS1821 Datasheet HTML 15Page - Dallas Semiconductor DS1821 Datasheet HTML 16Page - Dallas Semiconductor DS1821 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DS1821
13 of 18
Figure 9 illustrates that the sum of TINIT, TRC, and TSAMPLE must be less than 15 μs for a read time slot.
Figure 10 shows that system timing margin is maximized by keeping TINIT and TRC as short as possible
and by locating the master sample time during read time slots towards the end of the 15
μs period.
READ/WRITE TIME SLOT TIMING DIAGRAM Figure 8
DETAILED MASTER READ 1 TIMING Figure 9
RECOMMENDED MASTER READ 1 TIMING Figure 10
VDD
GND
1-WIRE BUS
15
μs
VIH of Master
TRC
TINT > 1 μs
Master samples
VDD
GND
1-WIRE BUS
15
μs
VIH of Master
TRC =
small
TINT =
small
Master samples
LINE TYPE LEGEND (Figure 8, Figure 9 and Figure 10)
Bus master pulling low
DS1821 pulling low
Resistor pullup
45
μs
15
μs
VDD
GND
1-WIRE BUS
60
μs < TX “0” < 120
1
μs < TREC <
∞
DS1821 samples
MIN
TYP
MAX
15
μs
30
μs
> 1
μs
MASTER WRITE “0” SLOT
MASTER WRITE “1” SLOT
DS1821 samples
MIN
TYP
MAX
VDD
GND
1-WIRE BUS
15
μs
MASTER READ “0” SLOT
MASTER READ “1” SLOT
Master samples
Master samples
START
OF SLOT
START
OF SLOT
> 1
μs
1
μs < TREC <
∞
15
μs
15
μs
30
μs
15
μs
> 1
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com