Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1821 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1821
Description  Programmable Digital Thermostat and Thermometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1821 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1821 Datasheet HTML 1Page - Dallas Semiconductor DS1821 Datasheet HTML 2Page - Dallas Semiconductor DS1821 Datasheet HTML 3Page - Dallas Semiconductor DS1821 Datasheet HTML 4Page - Dallas Semiconductor DS1821 Datasheet HTML 5Page - Dallas Semiconductor DS1821 Datasheet HTML 6Page - Dallas Semiconductor DS1821 Datasheet HTML 7Page - Dallas Semiconductor DS1821 Datasheet HTML 8Page - Dallas Semiconductor DS1821 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DS1821
2 of 18
ORDER INFORMATION
ORDERING
NUMBER
PACKAGE
MARKING
DESCRIPTION
DS1821
DS1821
DS1821 in 3-pin PR35
DS1821+
DS1821 (See Note)
DS1821 in 3-pin PR35
DS1821S
DS1821S
DS1821 in 208 mil 8-pin SO
DS1821S/T&R
DS1821S
DS1821 in 208 mil 8-pin SO, 2000 Piece Tape-and-Reel
DS1821S+
DS1821S (See Note)
DS1821 in 208 mil 8-pin SO
DS1821S+T&R
DS1821S (See Note)
DS1821 in 208 mil 8-pin SO, 2000 Piece Tape-and-Reel
Note: A “+” symbol will also be marked on the package.
+ Denotes lead-free package.
DETAILED PIN DESCRIPTIONS Table 1
PR35
8-PIN
SO*
SYMBOL
DESCRIPTION
1
2
GND
Ground pin.
2
1
DQ
Open drain data input/output pin – 1-Wire operation; Open drain
thermostat output pin –thermostat operation.
3
8
VDD
Power supply pin.
*All pins not specified in this table are “No Connect” pins.
OVERVIEW
Figure 1 shows a block diagram of the DS1821 and pin descriptions are given in Table 1. The DS1821
can operate as a standalone thermostat with user-programmable trip-points or as 8-bit temperature sensor
with a 1-Wire digital interface. The open-drain DQ pin functions as the thermostat output for thermostat
operation and as the data I/O pin for 1-Wire communications. The 1-Wire interface provides user access
to the nonvolatile (EEPROM) thermostat trip-point registers (TH and TL), the status/configuration register,
and the temperature register.
When configured as standalone thermostat, temperature conversions start immediately at power-up. In
this mode, the DQ pin becomes active when the temperature of the DS1821 exceeds the limit
programmed into the TH register, and remains active until the temperature drops below the limit
programmed into the TL register.
The DS1821 uses Dallas’ exclusive 1-Wire bus protocol that implements bus communication with one
control signal. This system is explained in detail in the 1-Wire BUS SYSTEM section of this datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com