Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1821 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1821
Description  Programmable Digital Thermostat and Thermometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1821 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1821 Datasheet HTML 1Page - Dallas Semiconductor DS1821 Datasheet HTML 2Page - Dallas Semiconductor DS1821 Datasheet HTML 3Page - Dallas Semiconductor DS1821 Datasheet HTML 4Page - Dallas Semiconductor DS1821 Datasheet HTML 5Page - Dallas Semiconductor DS1821 Datasheet HTML 6Page - Dallas Semiconductor DS1821 Datasheet HTML 7Page - Dallas Semiconductor DS1821 Datasheet HTML 8Page - Dallas Semiconductor DS1821 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1 of 18
071107
ma
FEATURES
Requires no external components
Unique 1-Wire® interface requires only one
port pin for communication
Operates over a -55°C to +125°C (-67°F to
+257°F) temperature range
Functions as a standalone thermostat with
user-definable trip-points
Provides 8-bit (1°C resolution) centigrade
temperature measurements
Accuracy is
±1°C over 0°C to +85°C range
Converts temperature to a digital word in 1
second (max)
Available in 3-pin PR35 and 8-pin SO
packages
Applications include thermostatic controls,
industrial systems, consumer products,
thermometers, or any thermally sensitive
system
PIN ASSIGNMENT
PIN DESCRIPTION
GND
- Ground
DQ
- Data In/Out and Thermostat Output
VDD
- Power Supply Voltage
NC
- No Connect
DESCRIPTION
The DS1821 can function as a standalone thermostat with user-programmable trip-points or as 8-bit
temperature sensor with a 1-Wire digital interface. The thermostat trip-points are stored in nonvolatile
memory, so DS1821 units can be programmed prior to system insertion for true standalone operation.
The DS1821 has an operating temperature range of –55°C to +125°C and is accurate to
±1°C over a range
of 0°C to +85°C. Communication with the DS1821 is accomplished through the open-drain DQ pin; this
pin also serves as the thermostat output.
DS1821
Programmable Digital Thermostat and
Thermometer
8-pin 208-mil SO
(DS1821S)
1
(BOTTOM VIEW)
2
3
DALLAS
DS1821
1 2
3
PR35
(DS1821)
6
3
1
2
4
8
7
5
DQ
GND
NC
NC
VDD
NC
NC
NC
1-Wire is a registered trademark of Dallas Semiconductor Corp.,
a wholly owned subsidiary of Maxim Integrated Products, Inc.
www.maxim-ic.com


Similar Part No. - DS1821

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821 Datasheet
570Kb / 16P
Programmable Digital Thermostat
logo
Maxim Integrated Produc...
DS1821 MAXIM-DS1821 Datasheet
800Kb / 19P
Programmable Digital Thermostat and Thermometer
Rev 6/12
DS1821C+ MAXIM-DS1821C+ Datasheet
800Kb / 19P
Programmable Digital Thermostat and Thermometer
Rev 6/12
logo
Synology Inc.
DS1821PLUS SYNOLOGY-DS1821PLUS Datasheet
655Kb / 8P
DiskStation DS1821
logo
Maxim Integrated Produc...
DS1821S+ MAXIM-DS1821S+ Datasheet
800Kb / 19P
Programmable Digital Thermostat and Thermometer
Rev 6/12
More results

Similar Description - DS1821

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
Digital Thermometer and Thermostat
112006
DS1821 MAXIM-DS1821 Datasheet
800Kb / 19P
Programmable Digital Thermostat and Thermometer
Rev 6/12
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com