Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8765H/5 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8765H/5
Description  10-bit high-speed Analog-to-Digital Converter ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8765H/5 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8765H/5 Datasheet HTML 7Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 8Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 9Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 10Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 11Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 12Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 13Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 14Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1999 Jan 06
11
Philips Semiconductors
Preliminary specification
10-bit high-speed Analog-to-Digital
Converter (ADC)
TDA8765
Table 1
Output coding with differential inputs (typical values to AGND); Vi(p-p) − Vi(p-p) = 2.0 V; Vref =VCCA − 1.825 V
Table 2 Mode selection
Note
1. X = don’t care.
Table 3 Sample-and-hold selection
CODE
Vi(p-p)
Vi(p-p)
IR
BINARY OUTPUTS
TWOS COMPLEMENT
OUTPUTS
D9 TO D0
D9 TO D0
Underflow
<3.1
>4.1
0
0 0 0 0 0 0 0 0 0 0
1 0 0 0 0 0 0 0 0 0
0
3.1
4.1
1
0 0 0 0 0 0 0 0 0 0
1 0 0 0 0 0 0 0 0 0
1
−−
1
0 0 0 0 0 0 0 0 0 1
1 0 0 0 0 0 0 0 0 1
↓−
−↓
↓
↓
511
3.6
3.6
1
0 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1
↓−
−↓
↓
↓
1022
−−
1
1 1 1 1 1 1 1 1 1 0
0 1 1 1 1 1 1 1 1 0
1023
4.1
3.1
1
1 1 1 1 1 1 1 1 1 1
0 1 1 1 1 1 1 1 1 1
Overflow
>4.1
<3.1
0
1 1 1 1 1 1 1 1 1 1
0 1 1 1 1 1 1 1 1 1
OTC
CE
D0 TO D9 AND IR
0
0
binary; active
1
0
twos complement; active
X(1)
1
high impedance
SH
SAMPLE-AND-HOLD
1
active
0
inactive; tracking mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com