Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8765H/5 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA8765H/5
Description  10-bit high-speed Analog-to-Digital Converter ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8765H/5 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA8765H/5 Datasheet HTML 10Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 11Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 12Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 13Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 14Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 15Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 16Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 17Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
1999 Jan 06
14
Philips Semiconductors
Preliminary specification
10-bit high-speed Analog-to-Digital
Converter (ADC)
TDA8765
APPLICATION INFORMATION
Fig.7 Application diagram.
The analog, digital and output supplies should be separated and decoupled.
(1) Single-ended clock signals can be applied if required.
(2) R1 and R2 must be determined in order to obtain a middle voltage of 3.6 V; see common mode input voltage.
In addition, the minimum current into these resistors should be about 1 mA in order to ensure a sufficient analog input stability.
(3) Vref must be decoupled to VCCA.
handbook, full pagewidth
MGK802
1
R1
1 : 1
R2
VCCA
2
3
4
5
6
7
8
9
10
11
12
n.c.
n.c.
n.c.
n.c.
13 14 15 16 17 18 19 20 21 22
IR
D9
(MSB)
D8
TDA8765
44 43 42 41 40 39 38 37 36 35 34
33
32
31
30
29
28
26
25
24
23
27
n.c.
n.c
5 V
100 nF
5 V
100 nF
100 nF
10 nF
4.7
µF
220 nF
100 nF
100
Ω
output format select
chip select input
5 V
100 nF
Vref
(3)
5 V
n.c.
n.c.
n.c.
n.c.
IN
n.c.
CLK
CLK
(1)
100 nF
100 nF
5 V
5 V
SH
mode
100
Ω
D2
D1
D0 (LSB)
D3
D4
D5
D6
D7
VI
VI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com