Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8765H/5 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA8765H/5
Description  10-bit high-speed Analog-to-Digital Converter ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8765H/5 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA8765H/5 Datasheet HTML 8Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 9Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 10Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 11Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 12Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 13Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 14Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 15Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1999 Jan 06
12
Philips Semiconductors
Preliminary specification
10-bit high-speed Analog-to-Digital
Converter (ADC)
TDA8765
Fig.4 Typical fast Fourier transform (fCLK = 50 MHz; fi = 21.4 MHz).
Effective bits: 9.12; THD =
−62.5 dB.
Harmonic levels (dB): 2nd =
−73.0; 3rd = −63.4; 4th = −80.9; 5th = −78.1; 6th = −74.4.
handbook, full pagewidth
0
−160
−140
0
5
10
15
f (MHz)
amplitude
(dB)
25
20
−80
−60
−40
−20
−120
−100
MGL431
Fig.3 Typical fast Fourier transform (fCLK = 40 MHz; fi = 4.43 MHz).
Effective bits: 9.68; THD =
−70.8 dB.
Harmonic levels (dB): 2nd =
−80.3; 3rd = −74.5; 4th = −87.7; 5th = −76.4; 6th = −78.6.
handbook, full pagewidth
0
−160
−140
0
5
10
15
f (MHz)
amplitude
(dB)
20
−80
−60
−40
−20
−120
−100
MGL430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com