Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1821S/TR Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1821S/TR
Description  Programmable Digital Thermostat and Thermometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1821S/TR Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1821S/TR Datasheet HTML 2Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 3Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 4Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 5Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 6Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 7Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 8Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 9Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DS1821
6 of 18
TEMPERATURE/DATA RELATIONSHIP Table 2
TEMPERATURE
DIGITAL OUTPUT
(Binary)
DIGITAL OUTPUT
(Hex)
+125°C*
0111 1101
7Dh
+85°C
0101 0101
55h
+25°C
0001 1001
19h
0°C
0000 0000
00h
-1°C
1111 1111
FFh
-25°C
1110 0111
E7h
-55°C
1100 1001
C9h
HIGH-RESOLUTION TEMPERATURE READINGS
The user can calculate temperature values with higher than 8-bit resolution using the data remaining in
the counter and slope accumulator when the temperature conversion is complete. To do this the user must
first read the temperature from the 8-bit temperature register. This value is called TEMP_READ in the
high-resolution equation (see Eq. 1). The 9-bit counter value must then be obtained by issuing the Read
Counter [A0h] command. This value is the count remaining in the counter at the end of the gate period
and is called COUNT_REMAIN in Eq. 1. Next the Load Counter [41h] command must be issued, which
loads the 9-bit slope accumulator value into the counter register. The slope accumulator value (called
COUNT_PER_C in Eq. 1) can then be read from the counter by again issuing the Read Counter [A0h]
command. The slope accumulator value is called “COUNT_PER_C” because it represents the number of
counts needed for an accurate measurement at a given temperature (i.e., the counts per degree C). The
high-resolution temperature can then be calculated using Eq. 1:
Eq. 1)
TEMPERATURE = TEMP_READ
− 0.5 +
C
PER
COUNT
REMAIN
COUNT
C
PER
COUNT
_
_
)
_
_
_
(
−
High-resolution temperature readings cannot be used while in continuous conversion mode. Also, the
Read Counter [A0h] and Load Counter [41h] commands must not be used while in continuous conversion
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com