Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1821S/TR Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS1821S/TR
Description  Programmable Digital Thermostat and Thermometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1821S/TR Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS1821S/TR Datasheet HTML 10Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 11Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 12Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 13Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 14Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 15Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 16Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 17Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 18Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
DS1821
16 of 18
AC ELECTRICAL CHARACTERISTICS:
(-55°C to +125°C; VDD=3.6V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Temperature Conversion Time
tCONV
0.4
1.0
s
EEPROM Write Time
tWR
10
50
ms
Time Slot
tSLOT
60
120
µs
1
Recovery Time
tREC
1
µs
1
Write 0 Low Time
tLOW0
60
120
µs
1
Write 1 Low Time
tLOW1
1
15
µs
1
Read Data Valid
tRDV
15
µs
1
Reset Time High
tRSTH
480
µs
1
Reset Time Low
tRSTL
480
µs
1,2
Presence Detect High
tPDHIGH
15
60
µs
1
Presence Detect Low
tPDLOW
60
240
µs
1
VDD Low to Mode Toggle Clock Low
tPC
100
ns
1,3
Mode Toggle Clock 16 High to VDD
High
tCP
100
ns
1
Mode Toggle Clock Pulse Low Time
tCL
0.1
10
µs
1
Mode Toggle Clock Pulse High Time
tCH
0.1
µs
1
Mode Toggle Clock High-to-Low or
Low-to-High Transition Time
tT
100
ns
1
Capacitance
CIN/OUT
25
pF
NOTES:
1. Refer to timing diagrams in Figure 13.
2. If tRSTL > 960 μs, a power-on-reset may occur.
3. Time required for part to disable thermostat output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com