Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1821S/TR Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1821S/TR
Description  Programmable Digital Thermostat and Thermometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1821S/TR Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1821S/TR Datasheet HTML 3Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 4Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 5Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 6Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 7Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 8Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 9Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 10Page - Dallas Semiconductor DS1821S/TR Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DS1821
7 of 18
OPERATION – THERMOSTAT
When the DS1821 is in thermostat mode (T/R
¯ = 1 in the status/configuration register), temperature
conversions are performed continuously beginning at power-up (regardless of the value of the 1SHOT
bit), and the DQ pin serves as the thermostat output.
The DQ output will become active when the
temperature of the DS1821 exceeds the user-defined limit in the TH register, and will remain active until
the temperature drops below the user-defined limit in the TL register as illustrated in Figure 4. Thus, the
user can select TH and TL to provide the desired amount of thermostat output hysteresis.
The user-defined 8-bit centigrade trip-point values (TH and TL) must be stored in two’s complement
format as shown in Figure 3. The sign bit (S) indicates if the temperature is positive or negative; for
positive numbers S = 0 and for negative numbers S = 1. The non-volatile TH and TL registers must be
programmed when the DS1821 is in 1-Wire mode as explained in the OPERATING MODES section of
this datasheet. The DS1821 can be temporarily switched from thermostat mode to 1-Wire mode to
change the TH and TL values as also explained in the OPERATING MODES section.
The polarity (i.e., the active state) of the DQ output is user-selectable with the nonvolatile POL bit in the
status/configuration register. DQ is active-high when POL = 1, and DQ is active-low when POL = 0.
Two bits in the status/configuration register, THF and TLF, provide additional thermostatic information.
The value of these bits is normally 0. The THF (temperature high flag) bit will be set to 1 if the measured
temperature is ever greater than the value in the TH register and will remain a 1 until the user rewrites the
bit with a 0. The TLF (temperature low flag) bit will be set to 1 if the temperature is ever lower than the
value in the TL register and will remain a 1 until the user rewrites the bit with a 0. These bits provide a
record of the device temperature relative to the thermostat trip-points over a period of time. They are
stored in nonvolatile memory, so the data stored in THF and TLF can be analyzed after any number of
power cycles. The THF and TLF bits function in both 1-Wire and thermostat mode.
DQ OPERATION IN THERMOSTATE MODE Figure 4
STATUS/CONFIGURATION REGISTER
The status/configuration register provides information to the user about conversion status, EEPROM
activity and thermostat activity. It also allows the user to program various DS1821 options such as
power-up operating mode, thermostat output polarity and conversion mode. The status/configuration
register is arranged as shown in Figure 5 and detailed descriptions of each bit are provided in Table 3.
Note that the THF, TLF T/R
¯, POL and 1SHOT bits are stored in nonvolatile memory (EEPROM).
CONFIGURATION REGISTER Figure 5
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
DONE
1
NVB
THF*
TLF*
T/R
¯* POL* 1SHOT*
*
Stored in EEPROM
TL
TH
Temp (°C)
DQ
Operating Mode = Thermostat
POL=1 (DQ is active high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com