Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1121EPA Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1121EPA
Description  100mA Charge Pump Voltage Converter with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1121EPA Datasheet(HTML) 1 Page - Microchip Technology

  TC1121EPA Datasheet HTML 1Page - Microchip Technology TC1121EPA Datasheet HTML 2Page - Microchip Technology TC1121EPA Datasheet HTML 3Page - Microchip Technology TC1121EPA Datasheet HTML 4Page - Microchip Technology TC1121EPA Datasheet HTML 5Page - Microchip Technology TC1121EPA Datasheet HTML 6Page - Microchip Technology TC1121EPA Datasheet HTML 7Page - Microchip Technology TC1121EPA Datasheet HTML 8Page - Microchip Technology TC1121EPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2006 Microchip Technology Inc.
DS21358C-page 1
TC1121
Features:
• Optional High-Frequency Operation Allows Use of
Small Capacitors
• Low Operating Current (FC = GND):
-50
μA
• High Output Current (100 mA)
• Converts a 2.4V to 5.5V Input Voltage to a
Corresponding Negative Output Voltage
(Inverter mode)
• Uses Only 2 Capacitors; No Inductors Required
• Selectable Oscillator Frequency:
- 10 kHz to 200 kHz
• Power-Saving Shutdown Input
• Available in 8-Pin MSOP, 8-Pin PDIP and 8-Pin
Small Outline (SOIC) Packages
Applications:
• Laptop Computers
• Medical Instruments
•Disk Drives
•
μP-Based Controllers
• Process Instrumentation
Device Selection Table
Package Type
General Description:
The TC1121 is a charge pump converter with 100 mA
output current capability. It converts a 2.4V to 5.5V
input to a corresponding negative output voltage. As
with all charge pump converters, the TC1121 uses no
inductors saving cost, size and EMI.
An on-board oscillator operates at a typical frequency
of 10 kHz (at V+ = 5V) when the frequency control input
(FC) is connected to ground. The oscillator frequency
increases to 200 kHz when FC is connected to V+,
allowing the use of smaller capacitors. Operation at
sub-10 kHz frequencies results in lower quiescent
NScurrent and is accomplished with the addition of an
external capacitor from OSC (pin 7) to ground. The
TC1121 also can be driven from an external clock
NSconnected OSC. Typical supply current at 10 kHz is
50
μA, and falls to less than 1 μA when the shutdown
input is brought low, whether the internal or an external
clock is used. The TC1121 is available in 8-pin SOIC,
MSOP and PDIP packages.
Part
Number
Package
Operating
Temp.
Range
TC1121COA
8-Pin SOIC
0°C to +70°C
TC1121CPA
8-Pin PDIP
0°C to +70°C
TC1121CUA
8-Pin MSOP
0°C to +70°C
TC1121EOA
8-Pin SOIC
-40°C to +85°C
TC1121EPA
8-Pin PDIP
-40°C to +85°C
TC1121EUA
8-Pin MSOP
-40°C to +85°C
TC1121COA
TC1121EOA
TC1121CUA
TC1121EUA
SHDN
FC
CAP+
CAP–
1
2
3
4
8
7
6
5
GND
OSC
V+
8-Pin SOIC
8-Pin MSOP
VOUT
TC1121CPA
TC1121EPA
SHDN
FC
CAP+
CAP–
1
2
3
4
8
7
6
5
GND
OSC
V+
8-Pin PDIP
VOUT
100mA Charge Pump Voltage Converter with Shutdown


Similar Part No. - TC1121EPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1121EPA MICROCHIP-TC1121EPA Datasheet
442Kb / 14P
100mA Charge Pump Voltage Converter with Shutdown
2002
TC1121EPA MICROCHIP-TC1121EPA Datasheet
462Kb / 14P
100mA Charge Pump Voltage Converter with Shutdown
02/16/06
More results

Similar Description - TC1121EPA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1121 ONSEMI-MC1121 Datasheet
102Kb / 8P
100mA Charge Pump Voltage Converter with Shutdown
February, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC660 TELCOM-TC660 Datasheet
122Kb / 8P
100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Maxim Integrated Produc...
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
logo
Microchip Technology
TC1121 MICROCHIP-TC1121 Datasheet
442Kb / 14P
100mA Charge Pump Voltage Converter with Shutdown
2002
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
100mA REGULATED CHARGE PUMP
logo
Microchip Technology
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
100mA Regulated Charge Pump
logo
Microchip Technology
TC1121EOA713 MICROCHIP-TC1121EOA713 Datasheet
462Kb / 14P
100mA Charge Pump Voltage Converter with Shutdown
02/16/06
TC1121 MICROCHIP-TC1121_14 Datasheet
150Kb / 14P
100mA Charge Pump Voltage Converter with Shutdown
03/25/14
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com