Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD708 Datasheet(PDF) 6 Page - Analog Devices

Part # AD708
Description  Ultralow Offset Voltage Dual Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD708 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD708 Datasheet HTML 2Page - Analog Devices AD708 Datasheet HTML 3Page - Analog Devices AD708 Datasheet HTML 4Page - Analog Devices AD708 Datasheet HTML 5Page - Analog Devices AD708 Datasheet HTML 6Page - Analog Devices AD708 Datasheet HTML 7Page - Analog Devices AD708 Datasheet HTML 8Page - Analog Devices AD708 Datasheet HTML 9Page - Analog Devices AD708 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD708
Data Sheet
Rev. D | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±15 V and TA = 25°C, unless otherwise noted.
+VS
+V
–V
–VS
0.5
1.0
1.5
–1.5
–1.0
–0.5
0
5
10
15
20
25
SUPPLY VOLTAGE (±V)
Figure 2. Input Common-Mode Range vs. Supply Voltage
+VS
–VS
0.5
1.0
1.5
–1.5
–1.0
–0.5
0
5
10
15
20
25
SUPPLY VOLTAGE (±V)
+VOUT
–VOUT
RL = 10kΩ
RL = 2kΩ
Figure 3. Output Voltage Swing vs. Supply Voltage
35
0
5
10
15
20
25
30
10
100
1k
10k
LOAD RESISTANCE (Ω)
±15V SUPPLIES
Figure 4. Output Voltage Swing vs. Load Resistance
8
7
0
1
2
3
4
5
6
024
21
18
15
12
9
6
3
SUPPLY VOLTAGE (±V)
Figure 5. Supply Current vs. Supply Voltage
100
90
80
70
60
50
40
30
20
10
0
–0.4
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
OFFSET VOLTAGE DRIFT (µV/°C)
256 UNITS TESTED
–55°C TO +125°C
Figure 6. Typical Distribution of Offset Voltage Drift
100
10
1
0.1
0.01
0.001
0.0001
0.1
100k
AV = +1
10k
1k
100
10
1
FREQUENCY (Hz)
AV = +1000
IO = 1mA
Figure 7. Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com