Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD708 Datasheet(PDF) 10 Page - Analog Devices

Part # AD708
Description  Ultralow Offset Voltage Dual Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD708 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD708 Datasheet HTML 6Page - Analog Devices AD708 Datasheet HTML 7Page - Analog Devices AD708 Datasheet HTML 8Page - Analog Devices AD708 Datasheet HTML 9Page - Analog Devices AD708 Datasheet HTML 10Page - Analog Devices AD708 Datasheet HTML 11Page - Analog Devices AD708 Datasheet HTML 12Page - Analog Devices AD708 Datasheet HTML 13Page - Analog Devices AD708 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD708
Data Sheet
Rev. D | Page 10 of 16
THEORY OF OPERATION
CROSSTALK PERFORMANCE
The AD708 exhibits very low crosstalk as shown in Figure 25,
Figure 26, and Figure 27. Figure 25 shows the offset voltage
induced on Side B of the AD708 when Side A output is moving
slowly (0.2 Hz) from −10 V to +10 V under no load. This is the
least stressful situation to the part because the overall power in
the chip does not change. Only the location of the power in the
output device changes. Figure 26 shows the input offset voltage
change to Side B when Side A is driving a 2 kΩ load. Here the
power changes in the chip with the maximum power change
occurring at 7.5 V. Figure 27 shows crosstalk under the most
severe conditions. Side A is connected as a follower with
0 V input, and is forced to sink and source ±5 mA of output
current.
Power = (30 V)(5 mA) = 150 mW
Even this large change in power causes only an 8 μV (linear)
change in the input offset voltage of Side B.
VOUTA = 2V/DIV
2V
A
VOUTA
VIN = ±10V
B
VOUTB
10kΩ
10Ω
10Ω
Figure 25. Crosstalk with No Load
VOUTA = 2V/DIV
2V
A
VOUTA
VIN = ±10V
B
VOUTB
10kΩ
2kΩ
10Ω
10Ω
Figure 26. Crosstalk with 2 kΩ Load
INA = 1mA/DIV
2V
A
VIN = ±10V
IIN = ±5mA
B
VOUTB
10kΩ
2kΩ
10Ω
10Ω
Figure 27. Crosstalk Under Forced Source and Sink Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com