Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD708 Datasheet(PDF) 9 Page - Analog Devices

Part # AD708
Description  Ultralow Offset Voltage Dual Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD708 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD708 Datasheet HTML 5Page - Analog Devices AD708 Datasheet HTML 6Page - Analog Devices AD708 Datasheet HTML 7Page - Analog Devices AD708 Datasheet HTML 8Page - Analog Devices AD708 Datasheet HTML 9Page - Analog Devices AD708 Datasheet HTML 10Page - Analog Devices AD708 Datasheet HTML 11Page - Analog Devices AD708 Datasheet HTML 12Page - Analog Devices AD708 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD708
Rev. D | Page 9 of 16
MATCHING CHARACTERISTICS
32
25°C
28
24
20
16
12
8
4
0
–50
–40
–30
–20
–10
0
10
20
30
40
50
OFFSET VOLTAGE MATCH (µV)
Figure 19. Typical Distribution of Offset Voltage Match
32
28
24
20
16
12
8
4
0
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
OFFSET DRIFT MATCH (µV/°C)
–55°C TO +125°C
Figure 20. Typical Distribution of Offset Voltage Drift Match
16
14
12
10
8
6
4
2
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
INPUT BIAS CURRENT MATCH (nA)
Figure 21. Typical Distribution of Input Bias Current Match
16
14
12
10
8
6
4
2
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
OFFSET CURRENT MATCH (nA)
Figure 22. Typical Distribution of Input Offset Current Match
160
140
120
100
80
60
40
20
0
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 23. PSRR Match vs. Temperature
160
140
120
100
80
60
40
20
0
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 24. Common-Mode Rejection Ratio (CMRR) Match vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com