Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8005ARTZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8005ARTZ-R2
Description  270 MHz, 400 μA Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8005ARTZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8005ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8005
Data Sheet
Figure 18. CMRR vs. Frequency; VS = +5 V or ±5 V
Figure 19. Output Resistance vs. Frequency; VS = ±5 V and +5 V
Figure 20. PSRR vs. Frequency; VS = +5 V or ±5 V
Figure 21. Noise vs. Frequency; VS = +5 V or ±5 V
Figure 22. Noise vs. Frequency; VS = +5 V or ±5 V
Figure 23. ±Overdrive Recovery, VS = ±5 V, VIN = 2 V Step
0.03
0.1
1
100
10
FREQUENCY (MHz)
–5
–10
–55
–15
–20
–25
–30
–35
–40
–45
–50
VS = +5V OR ±5V
G = +2
RL = 1kΩ
0.03
0.1
1
100
500
10
FREQUENCY (MHz)
100
10
1
VS = +5V OR ±5V
G = +2
RL = 1kΩ
VS = +5V
VS = ±5V
0.03
0.1
1
100
500
10
FREQUENCY (MHz)
10
–80
–70
–60
–50
–40
–30
–20
–10
0
VS = +5V OR ±5V
G = +2
RL = 1kΩ
–PSRR
+PSRR
10
100
1k
1M
100k
10M
10k
FREQUENCY (Hz)
12.5
0
2.5
5.0
7.5
10.0
10
100
1k
1M
100k
10M
10k
FREQUENCY (Hz)
62.5
0
12.5
25.0
37.5
50.0
INVERTING CURRENT
NONINVERTING CURRENT
100
90
10
0%
VOUT
1V
2V
150ns
VIN
VS = ±5V
G = +6
RL = 1kΩ
Rev. B | Page 8 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com