Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8005ARTZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8005ARTZ-R2
Description  270 MHz, 400 μA Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8005ARTZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8005ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 12Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD8005
Figure 24. Test Circuit; G = +2; RF = RG = 3.01 kΩ for N-8 Package;
RF = RG = 2.49 kΩ for R-8 and RJ-5 Packages
Figure 25. 200 mV Step Response; G = +2, VS = ±2.5 V or ±5 V
Figure 26. Step Response; G = +2, VS = ±5 V
Figure 27. Test Circuit; G = –1, RF = RG = 1.5 kΩ for N-8, R-8, and RJ-5
Packages
Figure 28. 200 mV Step Response; G = –1, VS = ±2.5 V or ±5 V
Figure 29. Step Response; G = −1, VS = ±5 V
RG
RF
CPROBE
RL
1kΩ
VOUT
VIN
50Ω
+VS
0.01µF
0.01µF
10µF
10µF
–VS
PROBE: TEK P6137
CLOAD = 10pF NOMINAL
100
90
10
0%
10ns
50mV
100
90
10
0%
10ns
1V
CPROBE
RL
1kΩ
VOUT
+VS
0.01µF
0.01µF
10µF
10µF
–VS
PROBE: TEK P6137
CLOAD = 10pF NOMINAL
1.5kΩ
1.5kΩ
VIN
51.1Ω
100
90
10
0%
10ns
50mV
100
90
10
0%
10ns
1V
Rev. B | Page 9 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com