Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8005ARTZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8005ARTZ-R2
Description  270 MHz, 400 μA Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8005ARTZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8005ARTZ-R2 Datasheet HTML 1Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 2Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 3Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8005ARTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
270 MHz, 400 μA
Current Feedback Amplifier
Data Sheet
AD8005
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©1996–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultralow power
400 μA power supply current (4 mW on ±5 VS)
Specified for single supply operation
High speed
270 MHz, −3 dB bandwidth (G = +1)
170 MHz, −3 dB bandwidth (G = +2)
280 V/μs slew rate (G = +2)
28 ns settling time to 0.1%, 2 V step (G = +2)
Low distortion/noise
−63 dBc at 1 MHz, VO = 2 V p-p
−50 dBc at 10 MHz, VO = 2 V p-p
4.0 nV/√Hz input voltage noise at 10 MHz
Good video specifications (RL = 1 kΩ, G = +2)
Gain flatness 0.1 dB to 30 MHz
0.11% differential gain error
0.4° differential phase error
APPLICATIONS
Signal conditioning
A/D buffer
Power sensitive, high speed systems
Battery powered equipment
Loop/remote power systems
Communication or video test systems
Portable medical instruments
GENERAL DESCRIPTION
The AD8005 is an ultralow power, high speed amplifier with a
wide signal bandwidth of 170 MHz and slew rate of 280 V/μs.
This performance is achieved while consuming only 400 μA of
quiescent supply current. These features increase the operating
time of high speed battery powered systems without reducing
dynamic performance.
The current feedback design results in gain flatness of 0.1 dB to
30 MHz while offering differential gain and phase errors of 0.11%
and 0.4°. Harmonic distortion is low over a wide bandwidth with
THDs of −63 dBc at 1 MHz and −50 dBc at 10 MHz. Ideal features
for a signal conditioning amplifier or buffer to a high speed A-to-D
converter in portable video, medical or communication systems.
The AD8005 is characterized for +5 V and ±5 V supplies and
operates over the industrial temperature range of −40°C to
+85°C. The amplifier is supplied in 8-lead PDIP, 8-lead SOIC_N,
and 5-lead SOT-23 packages.
FUNCTIONAL BLOCK DIAGRAMS
Figure 1. 8-Lead PDIP and SOIC_N
Figure 2. 5-Lead SOT-23
Figure 3. Frequency Response; G = ±2, VS = +5 V or ±5 V
Figure 4. Distortion vs. Frequency; VS = ±5 V
AD8005
NC 1
–IN 2
+IN 3
–VS 4
NC
8
+VS
7
OUT
6
NC
5
NC = NO CONNECT
TOP VIEW
(Not to Scale)
AD8005
TOP VIEW
(Not to Scale)
OUT 1
+IN 3
–VS 2
+VS
5
–IN
4
0.1
1
10
100
500
FREQUENCY (MHz)
0
3
2
1
–1
–2
–3
–4
–5
–6
VS = +5V
VS = ±5V
G = +2
VOUT = 200mV p-p
RL = 1kΩ
110
20
FREQUENCY (MHz)
G = +2
VOUT = 2V p-p
RL = 1kΩ
–40
–60
–80
–100
–50
–70
–90
THIRD HARMONIC
SECOND HARMONIC


Similar Part No. - AD8005ARTZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
270 MHz, 400 mA Current Feedback Amplifier
REV. A
More results

Similar Description - AD8005ARTZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8005 AD-AD8005 Datasheet
183Kb / 12P
270 MHz, 400 uA Current Feedback Amplifier
REV.A
logo
Elantec Semiconductor
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
50 MHz Current Feedback Amplifier
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
120 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
85 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
50 MHz Current Feedback Amplifier
logo
Analog Devices
AD8005ARZ AD-AD8005ARZ Datasheet
187Kb / 12P
270 MHz, 400 關A Current Feedback Amplifier
REV. A
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
300 MHz Current Feedback Amplifier
REV. C
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005 AD-AD8005_15 Datasheet
376Kb / 16P
270 MHz, 400A Current Feedback Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com