Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8067ARTZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8067ARTZ-R2
Description  High Gain Bandwidth Product, Precision Fast FET™ Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067ARTZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8067ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 12Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD8067
Rev. B | Page 9 of 24
G = +10
VIN = 20mV p-p
50mV/DIV
25ns/DIV
1.5V
Figure 16. Small Signal Transient Response 5 V Supply
2V/DIV
10VIN
VOUT
200ns/DIV
G = +10
Figure 17. Output Overdrive Recovery
+0.1%
–0.1%
VIN (100mV/DIV)
VOUT – 10VIN (5mV/DIV)
5
s/DIV
Figure 18. Long-Term Settling Time
50mV/DIV
25ns/DIV
G = +10
VIN = 20mV p-p
CL = 100pF
CL = 0pF
Figure 19. Small Signal Transient Response ± 5 V Supply
5V/DIV
50ns/DIV
VS = 12V
VIN = 2V p-p
G = +10
Figure 20. Large Signal Transient Response
+0.1%
–0.1%
t = 0
VOUT (1V/DIV)
G = +10
VIN (100mV/DIV)
VOUT – 10VIN (5mV/DIV)
5ns/DIV
Figure 21. 0.1% Short-Term Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com