Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8067ARTZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8067ARTZ-R2
Description  High Gain Bandwidth Product, Precision Fast FET™ Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067ARTZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8067ARTZ-R2 Datasheet HTML 15Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 16Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 17Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 18Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 19Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 20Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 21Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 22Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD8067
Rev. B | Page 19 of 24
Test data for the preamp is shown in Figure 52 and Figure 53.
FREQUENCY – MHz
100
65
70
75
80
85
90
95
60
0.01
0.1
1
10
100
Figure 52. Photodiode Preamplifier Frequency Response
M 50ns CH1
830mV
CH1 500mV
C1 RISE
31.2ns
C1 FALL
31.6ns
T
Figure 53. Photodiode Preamplifier Pulse Response
USING THE AD8067 AT GAINS OF LESS THAN 8
A common technique used to stabilize de-compensated
amplifiers is to increase the noise gain, independent of the
signal gain. The AD8067 can be used in applications where the
signal gain is less than 8, if proper care is taken to ensure that
the noise gain of the amplifier is set to at least the recommended
minimum signal gain of 8 (see Figure 54).
The signal and noise gain equations for a noninverting
amplifier are:
R1
R3
Gain
Signal
+
= 1
R1
R3
Gain
Noise
+
=1
The addition of resistor R2 modifies the noise gain equation.
Note the signal gain equation has not changed.
R2
R1
R3
Gain
Noise
||
1 +
=
AD8067
C2
0.1
µF
C1
10
µF
+5V
R2
50
Ω
C3
10
µF
C4
0.1
µF
–5V
VOUT
RL
R4
51
Ω
R3
600
Ω
VIN
1
5
4
3
2
R1
301
Ω
Figure 54. Gain = 3 Schematics
This technique allows the designer to use the AD8067 in gain
configurations of less than 8. The drawback to this type of
compensation is that the input noise and offset voltages are
also amplified by the value of the noise gain. In addition, the
distortion performance is degraded. To avoid excessive
overshoot and ringing when driving a capacitive load, the
AD8067 should be buffered by a small series resistor; in this
case, a 51 Ω resistor was used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com