Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8067ARTZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8067ARTZ-R2
Description  High Gain Bandwidth Product, Precision Fast FET™ Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067ARTZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8067ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 12Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 13Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 14Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 15Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 16Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 17Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 18Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD8067
Rev. B | Page 15 of 24
DC ERROR CALCULATIONS
Figure 44 illustrates the primary dc errors associated with a
voltage feedback amplifier. For both inverting and noninverting
configurations:


+
=
G
F
G
OS
OS
R
R
R
V
V
to
due
Error
Voltage
Output
F
B–
G
G
F
S
B
B
R
I
R
R
R
R
I
I
to
due
Error
Voltage
Output
×


+
×
=
+
–
Total error is the sum of the two.
DC common-mode and power supply effects can be added by
modeling the total VOS with the expression:
CMR
V
PSR
V
nom
V
tot
V
CM
S
OS
OS
Δ
Δ
)
(
)
(
+
+
=
where:
VOS (nom) is the offset voltage specified at nominal conditions
(1 mV max).
∆VS is the change in power supply voltage from nominal
conditions.
PSR is power supply rejection (90 dB minimum).
∆VCM is the change in common-mode voltage from nominal test
conditions.
CMR is the common-mode rejection (85 dB minimum for the
AD8067).
VI
RS
RG
IB+
IB–
–
+
VOUT –
+
–
+
+VOS–
RF
Figure 44. Op Amp DC Error Sources
INPUT AND OUTPUT OVERLOAD BEHAVIOR
A simplified schematic of the AD8067 input stage is shown in
Figure 45. This shows the cascoded N-channel JFET input pair,
the ESD and other protection diodes, and the auxiliary NPN
input stage that eliminates phase inversion behavior.
When the common-mode input voltage to the amplifier is
driven to within approximately 3 V of the positive power
supply, the input JFET’s bias current turns off, and the bias of
the NPN pair turns on, taking over control of the amplifier. The
NPN differential pair now sets the amplifier’s offset, and the
input bias current is now in the range of several tens of
microamps. This behavior is illustrated in Figure 25 and Figure 26.
Normal operation resumes when the common-mode voltage
goes below the 3 V from the positive supply threshold.
The output transistors have circuitry included to limit the
extent of their saturation when the output is overdriven. This
improves output recovery time. A plot of the output recovery
time for the AD8067 used as a G = +10 buffer is shown in
Figure 17.
VBIAS
VCC
VEE
VEE
VCC
VP
VN
SWITCH
CONTROL
VEE
VCC
TO REST OF AMP
VTHRESHOLD
Figure 45. Simplified Input Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com