Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8502ARJZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8502ARJZ-R2
Description  1 μA Micropower CMOS Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8502ARJZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8502ARJZ-R2 Datasheet HTML 3Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 4Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 5Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 6Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 7Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 8Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 9Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 10Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8502/AD8504
Rev. A | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
VOS (µV)
0
20
40
60
80
100
120
140
160
–2400 –1800 –1200
–600
0
600
1200
1800
2400
Figure 3. Input Offset Voltage Distribution (0 V < VCM < 5.0 V), VS = 5 V
TCVOS (µV/°C)
13579
11
13
15
17
19
21
23
25
200
50
100
150
0
Figure 4. Input Offset Voltage Temperature Drift Distribution
(−40°C < TA < +85°C), VS = 5 V
1000
–1000
800
–800
400
–400
600
–600
200
–200
0
VCM (V)
01
23
4
5
Figure 5. Input Offset Voltage vs. Common-Mode Voltage, VS = 5 V
–40
–20
0
20
40
60
80
100
120
1000
10
100
0.1
1
0.01
0.001
TEMPERATURE (°C)
Figure 6. Input Bias Current vs. Temperature (VS = 1.8 V and 5.0 V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1000
10
100
0.1
1
0.01
0.001
VCM (V)
IB (+85°C)
IB (+25°C)
IB (–40°C)
IB (+125°C)
Figure 7. Input Bias Current vs. Common-Mode Voltage, VS = 5 V
0.5
0.6
0.7
0.8
0.9
1.0
70
30
40
50
60
20
10
0
ISY (µA)
Figure 8. Supply Current Distribution, VS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com