Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8502ARJZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8502ARJZ-R2
Description  1 μA Micropower CMOS Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8502ARJZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8502ARJZ-R2 Datasheet HTML 7Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 8Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 9Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 10Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 11Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 12Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 13Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 14Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8502/AD8504
Rev. A | Page 11 of 16
1000
–1000
–800
–600
–400
–200
0
200
400
600
800
0
0.3
0.6
0.9
1.2
1.5
1.8
VCM (V)
Figure 27. Input Offset Voltage vs. Input Common-Mode Voltage, VS = 1.8 V
1000
100
10
1
0.1
0.01
0.001
0
0.3
0.6
0.9
1.2
1.5
1.8
VCM (V)
IB (–40°C)
IB (+25°C)
IB (+125°C)
IB (+85°C)
Figure 28. Input Bias Current vs. Input Common-Mode Voltage, VS = 1.8 V
70
60
50
40
30
20
10
0
ISY (µA)
0.5
0.4
0.6
0.7
0.8
0.9
Figure 29. Supply Current Distribution, VS = 1.8 V
VCM (V)
600
550
500
650
700
0
0.3
0.6
0.9
1.2
1.5
1.8
Figure 30. Supply Current vs. Input Common-Mode Voltage, VS = 1.8 V
1000
100
10
1
0.01
0.1
0.001
0.01
0.1
1
LOAD CURRENT (mA)
SOURCE
SINK
Figure 31. Output Saturation Voltage vs. Load Current VS = 1.8 V
100
10
1
0.1
–40
–15
10
35
85
60
TEMPERATURE (°C)
VOH @ 10kΩ LOAD
VOL @ 10kΩ LOAD
VOH @ 100kΩ LOAD
VOL @ 100kΩ LOAD
Figure 32. Output Saturation Voltage vs. Temperature, VS = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com