Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8502ARJZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8502ARJZ-R2
Description  1 μA Micropower CMOS Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8502ARJZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8502ARJZ-R2 Datasheet HTML 8Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 9Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 10Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 11Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 12Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 13Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 14Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 15Page - Analog Devices AD8502ARJZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8502/AD8504
Rev. A | Page 13 of 16
0.20
0.15
–0.15
0.10
–0.10
0.05
–0.05
0
–0.20
0
0.5
1.0
1.5
TIME (ms)
–0.5
Figure 37. Small Signal Transient Response (100 pF Load Capacitance),
VS = 1.8 V
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0
0.2
–2
–1
01
23
45
67
8
TIME (ms)
Figure 38. Large Signal Transient Response (No Load), VS = 1.8 V
0
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
100
60
1k
2k
5k
500
200
10k
20k
FREQUENCY (Hz)
–
+
VIN
10kΩ
–
+
10kΩ
10kΩ
1MΩ
1V p-p
OUT B
OUT C
OUT D
A
B, C, AND D
Figure 39. Channel Separation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com