Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74009 Datasheet(PDF) 2 Page - Alpha Wire

Part # 74009
Description  22 (SOLID) AWG Bare Copper
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

74009 Datasheet(HTML) 2 Page - Alpha Wire

  74009 Datasheet HTML 1Page - Alpha Wire 74009 Datasheet HTML 2Page - Alpha Wire 74009 Datasheet HTML 3Page - Alpha Wire 74009 Datasheet HTML 4Page - Alpha Wire 74009 Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1) UL
CMR
75°C
PLTC
75°C
CMX
75°C
OIL RES I
2) CSA International
C(UL) TYPE CMR
75°C
FT4
3) Other
ISO/IEC 11801 Category 5e Horizontal Cable
TIA-568-C.2 Cat5e
NEMA WC-63.1 Category 5e
4) CE:
EU Low Voltage Directive 2014/35/EC
Environmental
1) CE: EU Directive 2011/65/EU(RoHS2):
This product complies with European Directive 2011/65/EU (RoHS Directive) of the European
Parliament and of the Council of 8 June 2011and the amending Directive 2015/863/EU of 4
June 2015 . No Exemptions are required for RoHS Compliance on this item. Consult Alpha
Wire's web site for RoHS C of C.
2) REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC) listed on the
European Union's REACH candidate list in excess of 0.1% mass of the item. For up-to-date
information, please see Alpha's REACH SVHC Declaration.
3) California Proposition 65:
Exempt from warning labels based on the Consent Judgment. Please see Alpha's CA Prop 65
Statement for more information.
Properties



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com