Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74009 Datasheet(PDF) 1 Page - Alpha Wire

Part # 74009
Description  22 (SOLID) AWG Bare Copper
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

74009 Datasheet(HTML) 1 Page - Alpha Wire

  74009 Datasheet HTML 1Page - Alpha Wire 74009 Datasheet HTML 2Page - Alpha Wire 74009 Datasheet HTML 3Page - Alpha Wire 74009 Datasheet HTML 4Page - Alpha Wire 74009 Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 74009
Construction
Diameters (In)
1) Component 1
4 X 1 PAIR
a) Conductor
22 (SOLID) AWG Bare Copper
0.026
b) Insulation
0.011" Wall, Nom. Polyolefin
0.048
(1) Color(s)
Pair Color
Pair Color
Pair Color
1
BLUE -
WHITE/BLUE
3
GREEN -
WHITE/GREEN
2
ORANGE -
WHITE/ORANGE
4
BROWN -
WHITE/BROWN
c) Pair
2/Cond Cabled Together
(1) Twists:
Staggered Lays
2) Cable Assembly
4 Components Cabled
a) Twists:
4.0 Twists/foot (min)
3) Jacket
0.043" Wall, Nom.,PVC
0.301 (0.316 Max.)
a) Color(s)
BLACK
b) Ripcord
1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 74009 4PR 22 AWG VERIFIED (UL)
CAT 5E PLTC OR CMR-CMX OUTDOOR OR C(UL) CMR ---
ISO/IEC 11801 CAT 5E SUN RES OIL RES --- US PATENT
6273977 CE ROHS (2 FT, 7 DIGIT SEQUENTIAL NUMBER)
FT
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]
* = Factory Code
Applicable Specifications


Similar Part No. - 74009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74009 ETC2-74009 Datasheet
303Kb / 1P
Wiha Quality Tools Slotted Bits
logo
Belden Inc.
74009PU BELDEN-74009PU Datasheet
167Kb / 2P
DataTuff® 5E, 4PR #26 Str BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
2022 Belden, Inc
74009PU.01500 BELDEN-74009PU.01500 Datasheet
167Kb / 2P
DataTuff® 5E, 4PR #26 Str BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
2022 Belden, Inc
More results

Similar Description - 74009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344803 ETC2-1344803 Datasheet
109Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1345253 ETC2-1345253 Datasheet
101Kb / 3P
23 AWG Solid .023 bare copper or bare copper-covered steel conductor, polyethylene insulation
1345263 ETC2-1345263 Datasheet
106Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1347027 ETC2-1347027 Datasheet
102Kb / 3P
Series 6, 18 AWG solid .040 bare copper or bare copper-covered steel conductor
1348449 ETC2-1348449 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors
1682749 ETC2-1682749 Datasheet
97Kb / 2P
24 AWG solid bare copper conductors, twisted pair, PVC insulation
7922A ETC2-7922A Datasheet
111Kb / 4P
22 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7934A ETC2-7934A Datasheet
110Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7960A ETC2-7960A Datasheet
122Kb / 3P
22 AWG Symmetric quad solid bare copper conductors, polyolefin insulation
1300SB ETC2-1300SB Datasheet
109Kb / 3P
24 AWG solid bare copper conductors, polypropylene insulation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com