Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74009 Datasheet(PDF) 3 Page - Alpha Wire

Part # 74009
Description  22 (SOLID) AWG Bare Copper
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

74009 Datasheet(HTML) 3 Page - Alpha Wire

  74009 Datasheet HTML 1Page - Alpha Wire 74009 Datasheet HTML 2Page - Alpha Wire 74009 Datasheet HTML 3Page - Alpha Wire 74009 Datasheet HTML 4Page - Alpha Wire 74009 Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Physical & Mechanical Properties
1) Temperature Range
-25 to 75°C
2) Bend Radius
4X Cable Diameter
3) Pull Tension
40 Lbs, Maximum
4) Sunlight Resistance
Yes
5) Cable Weight
30 Lbs/1000Ft
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Characteristic Impedance
100 Ω +/- 15
3) Mutual Capacitance
15 pF/ft @1 kHz, Nominal
4) Velocity of Propagation
70 %
5) Propagation Delay
510 nS/100m, Maximum
6) Delay Skew
25 nS/100m, Maximum
7) Conductor DCR
9 Ω/100m @20°C, Maximum
8) DCR Unbalance
3% @20°C, Maximum
Frequency(MHz)
Max.
Attenuation(dB/100m)
Min. NEXT(dB)
Min. PSNEXT(dB)
Min. ACR(dB)
1
2
65.3
65.3
63.3
4
4
56.3
56.3
52.3
8
5.7
51.8
51.8
46.1
10
6.4
50.3
50.3
43.9
16
8.1
47.3
47.3
39.1
20
9.2
45.8
45.8
35.2
25
10.3
44.3
44.3
34.1
31.25
11.6
42.9
42.9
31.3
62.5
16.8
38.4
38.4
21.6
100
21.7
35.3
35.3
17.1
Frequency (MHz)
Min. PSACR(dB)
Min. RL(dB)
Min. ELFEXT(dB)
Min. PSELFEXT(dB)
1
63.3
20
63.8
60.8
4
52.3
23
51.7
48.7
8
46.1
24.5
45.7
42.7
10
43.9
25
43.8
40.8
16
39.1
25
39.7
36.7
20
35.2
25
37.7
34.7
25
34.1
24.3
35.8
32.8
31.25
31.3
23.6
33.9
30.9
62.5
21.6
21.5
27.8
24.8
100
17.1
20.1
23.8
20.8
Other



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com