Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTDBLP31.12 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # CTDBLP31.12
Description  Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CTDBLP31.12 Datasheet(HTML) 3 Page - OSRAM GmbH

  CTDBLP31.12 Datasheet HTML 1Page - OSRAM GmbH CTDBLP31.12 Datasheet HTML 2Page - OSRAM GmbH CTDBLP31.12 Datasheet HTML 3Page - OSRAM GmbH CTDBLP31.12 Datasheet HTML 4Page - OSRAM GmbH CTDBLP31.12 Datasheet HTML 5Page - OSRAM GmbH CTDBLP31.12 Datasheet HTML 6Page - OSRAM GmbH CTDBLP31.12 Datasheet HTML 7Page - OSRAM GmbH CTDBLP31.12 Datasheet HTML 8Page - OSRAM GmbH CTDBLP31.12 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CT DBLP31.12
3 Version 1.3 | 2021-03-29
Maximum Ratings
Parameter
Symbol
Values
Operating Temperature
T
op
min.
max.
-40 °C
85 °C
Storage Temperature
T
stg
min.
max.
-40 °C
85 °C
Junction Temperature
T
j
max.
125 °C
Forward current
T
S = 25 °C
I
F
min.
max.
2.5 mA
140 mA
Surge Current
t ≤ 10 µs; D = 0.005 ; T
S = 25 °C
I
FS
max.
500 mA
ESD withstand voltage
acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
V
ESD
8 kV
Reverse current 2)
I
R
max.
200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com