Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTDBLP31.12 Datasheet (PDF) - OSRAM GmbH

CTDBLP31.12 Datasheet PDF - OSRAM GmbH
Part # CTDBLP31.12
Download  CTDBLP31.12 Download
File Size   1280.51 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)

CTDBLP31.12 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTDBLP31.12 Datasheet PDF - OSRAM GmbH

Part # CTDBLP31.12
Download  CTDBLP31.12 Click to download

File Size   1280.51 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)

CTDBLP31.12 Datasheet (HTML) - OSRAM GmbH


CTDBLP31.12 Product details

Features:
Package: white SMT package
Chip technology: UX:3
Typ. Radiation: 120° (Lambertian emitter)
Color: λdom = 536 nm (● true green)
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)





Similar Part No. - CTDBLP31.12

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CTDBLP32.12 OSRAM-CTDBLP32.12 Datasheet
1Mb / 21P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
Version 1.1 2022-03-11
More results


Similar Description - CTDBLP31.12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87427 NSC-PC87427 Datasheet
757Kb / 46P
ServerI/O with SensorPathTM Health Monitoring
logo
OSRAM GmbH
SFH2704 OSRAM-SFH2704 Datasheet
913Kb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
logo
Maxim Integrated Produc...
MAX30110 MAXIM-MAX30110 Datasheet
711Kb / 37P
Optimized Pulse-Oximeter and Heart Rate AFE forWearable Health
Rev 0; 6/17
logo
OSRAM GmbH
SFH7015 OSRAM-SFH7015 Datasheet
1Mb / 18P
Health Monitoring (Heart Rate Monitoring,
SFH7016 OSRAM-SFH7016 Datasheet
991Kb / 20P
?봈ealth Monitoring (Heart Rate Monitoring, Pulse Oximetry)
SFH2703 OSRAM-SFH2703 Datasheet
936Kb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
SFH2713 OSRAM-SFH2713 Datasheet
937Kb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PLT5520B OSRAM-PLT5520B Datasheet
1Mb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
logo
Maxim Integrated Produc...
MAX86140 MAXIM-MAX86140_V01 Datasheet
1Mb / 89P
Best-in-Class Optical Pulse Oximeter and Heart-Rate Sensor for Wearable Health
2021
logo
Renesas Technology Corp
OB1203 RENESAS-OB1203 Datasheet
1Mb / 72P
Heart Rate, Blood Oxygen Concentration, Pulse Oximetry, Proximity, Light and Color Sensor
July 22, 2022
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com