Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTDBLP31.12 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # CTDBLP31.12
Description  Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CTDBLP31.12 Datasheet(HTML) 1 Page - OSRAM GmbH

  CTDBLP31.12 Datasheet HTML 1Page - OSRAM GmbH CTDBLP31.12 Datasheet HTML 2Page - OSRAM GmbH CTDBLP31.12 Datasheet HTML 3Page - OSRAM GmbH CTDBLP31.12 Datasheet HTML 4Page - OSRAM GmbH CTDBLP31.12 Datasheet HTML 5Page - OSRAM GmbH CTDBLP31.12 Datasheet HTML 6Page - OSRAM GmbH CTDBLP31.12 Datasheet HTML 7Page - OSRAM GmbH CTDBLP31.12 Datasheet HTML 8Page - OSRAM GmbH CTDBLP31.12 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CT DBLP31.12
1 Version 1.3 | 2021-03-29
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
CT DBLP31.12
FIREFLY®
The FIREFLY E2218 family expands OSRAM Opto
Semiconductors’ portfolio of visible products for
use in mobile devices like fitness tracking or health
monitoring. It offers the highest efficiency output and
lowest forward Voltage (Vf) operation, for longer bat-
tery life in portable applications. The compact size
of only 1.8 mm x 2.2 mm x 0.6 mm allows customers
the benefit of more flexible product designs. The true
green CT DBLP31.12 is specially designed for Heart
Rate Monitor applications. It features a very high lu-
minous intensity to ideally match these applications.
—
Health Monitoring (Heart Rate Monitoring,
Pulse Oximetry)
Features:
—
Package: white SMT package
—
Chip technology: UX:3
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 536 nm (● true green)
—
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)


Similar Part No. - CTDBLP31.12

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CTDBLP32.12 OSRAM-CTDBLP32.12 Datasheet
1Mb / 21P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
Version 1.1 2022-03-11
More results

Similar Description - CTDBLP31.12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87427 NSC-PC87427 Datasheet
757Kb / 46P
ServerI/O with SensorPathTM Health Monitoring
logo
OSRAM GmbH
SFH2704 OSRAM-SFH2704 Datasheet
913Kb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
logo
Maxim Integrated Produc...
MAX30110 MAXIM-MAX30110 Datasheet
711Kb / 37P
Optimized Pulse-Oximeter and Heart Rate AFE forWearable Health
Rev 0; 6/17
logo
OSRAM GmbH
SFH7015 OSRAM-SFH7015 Datasheet
1Mb / 18P
Health Monitoring (Heart Rate Monitoring,
SFH7016 OSRAM-SFH7016 Datasheet
991Kb / 20P
?봈ealth Monitoring (Heart Rate Monitoring, Pulse Oximetry)
SFH2703 OSRAM-SFH2703 Datasheet
936Kb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
SFH2713 OSRAM-SFH2713 Datasheet
937Kb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PLT5520B OSRAM-PLT5520B Datasheet
1Mb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
logo
Maxim Integrated Produc...
MAX86140 MAXIM-MAX86140_V01 Datasheet
1Mb / 89P
Best-in-Class Optical Pulse Oximeter and Heart-Rate Sensor for Wearable Health
2021
logo
Renesas Technology Corp
OB1203 RENESAS-OB1203 Datasheet
1Mb / 72P
Heart Rate, Blood Oxygen Concentration, Pulse Oximetry, Proximity, Light and Color Sensor
July 22, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com