Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTDBLP32.12 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # CTDBLP32.12
Description  Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CTDBLP32.12 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button CTDBLP32.12 Datasheet HTML 12Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 13Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 14Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 15Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 16Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 17Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 18Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 19Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
CT DBLP32.12
DATASHEET
DATASHEET
16 | Version 1.1 | 2022-03-11
C
Chhiipp TTeecchhnnoollooggyy::
PP::
Standard power class
SS::
Highest power class
PPaacckkaaggee TTyyppee
D
D:: Top emitting device,
leadframe based, white
reflector package
W
Waavveelleennggtthh
EEm
miissssiioonn C
Coolloorr
((λλddoomm ttyypp..))
TT:: 528 nm
true green
H
H:: 645 nm
hyper-red
B: 470 nm
blue
R: 625 nm
red
W:
white
PPrroodduucctt
vveerrssiioonn
C
C:: Consumer
Segment
LL:: Automotive
Multi-
market
EEnnccaappssuullaanntt TTyyppee // LLeennss PPrrooppeerrttiieess
LL::
No lens (Lambertian)
LLeeaadd // PPaacckkaaggee PPrrooppeerrttiieess
TTO
OPPllooookkeerr::
BB:: 2218
EE:: 1608
TTeecchhnnoollooggyy C
Coonncceepptt
SS:: Silicone casting
33:: Silicone encapsulation
TTyyppee D
Deessiiggnnaattiioonn SSyysstteem
m
C
C
H
H
D
D
EE
LL
SS
SS
11
..
11
22
BBiinnnniinngg IInnffoorrm
maattiioonn::
Saturated colors
22::
mcd
SSppeecciiaall cchhaarraacctteerriissttiiccss
Saturated colors
11:: InGAN saturated
22:: InGaAIP saturated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com