Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTDBLP32.12 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # CTDBLP32.12
Description  Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CTDBLP32.12 Datasheet(HTML) 5 Page - OSRAM GmbH

  CTDBLP32.12 Datasheet HTML 1Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 2Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 3Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 4Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 5Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 6Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 7Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 8Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
CT DBLP32.12
DATASHEET
DATASHEET
5 | Version 1.1 | 2022-03-11
Characteristics
I
F = 20 mA; TS = 25 °C
Parameter
Symbol
Values
Peak Wavelength
λ
peak
typ.
526 nm
Centroid Wavelength 4)
I
F = 20 mA
λ
centroid
min.
typ.
max.
520 nm
530 nm
540 nm
Viewing angle at 50% I
V
2φ
typ.
120 °
Total radiant flux 5)
I
F = 20 mA
Φ
e
typ.
22 mW
Forward Voltage 6)
I
F = 20 mA
V
F
min.
typ.
max.
2.00 V
2.30 V
2.50 V
Reverse current 3)
V
R = 5 V
I
R
typ.
max.
0.01 µA
10 µA
Real thermal resistance junction/solderpoint 7)
R
thJS real
typ.
max.
58 K / W
92 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com