Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTDBLP32.12 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # CTDBLP32.12
Description  Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CTDBLP32.12 Datasheet(HTML) 2 Page - OSRAM GmbH

  CTDBLP32.12 Datasheet HTML 1Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 2Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 3Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 4Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 5Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 6Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 7Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 8Page - OSRAM GmbH CTDBLP32.12 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
CT DBLP32.12
DATASHEET
DATASHEET
2 | Version 1.1 | 2022-03-11
FIREFLY®
CT DBLP32.12
The FIREFLY E2218 family expands ams OSRAM’s portfolio of
visible products for use in mobile devices like fitness tracking
or health monitoring. It offers the highest efficiency output and
lowest forward Voltage (Vf) operation, for longer battery life in
portable applications. The compact size
of only 1.8 mm x 2.2 mm x 0.6 mm allows customers the benefit
of more flexible product designs. The true green CT DBLP32.12
is specially designed for Heart Rate Monitor applications. It
features a very high luminous intensity to ideally match these
applications.
Applications
- Health Monitoring (Heart Rate Monitoring, Pulse
Oximetry)
Features
- Package: white SMT package
- Chip technology: InGaN
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λ
centroid = 530 nm (● true green)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)
<img
<img
<img
<img



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com