Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GJSBL1035CT Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GJSBL1035CT
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GJSBL1035CT Datasheet(HTML) 1 Page - GTM CORPORATION

  GJSBL1035CT Datasheet HTML 1Page - GTM CORPORATION GJSBL1035CT Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GJSBL1030CT~1060CT
Page: 1/2
ISSUED DATE :2006/05/11
REVISED DATE :
GJSBL1030CT~1060CT
S C H O T T K Y B A R R I E R R E C T I F I E R S
R E V E R S E V O L T A G E 3 0 V T O 6 0 V, C U R R E N T 1 0 A
Description
The GJSBL1030CT~1060CT are designed for use in low voltage, high frequency inverters, free wheeling and
polarity protection applications.
Features
&Guard ring for transient protection
&
Low power loss, high efficiency
&
High current capability, low VF
&High surge capacity
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
2.40
3.00
K
0
0.15
E
2.30 REF.
L
0.90
1.50
F
0.70
0.90
M
5.40
5.80
S
0.60
0.90
R
0.80
1.20
Maximum Ratings and Electrical Characteristics at Ta=25 : unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
Ratings
Unit
Parameters
Symbol GJSBL
1030CT
GJSBL
1035CT
GJSBL
1040CT
GJSBL
1045CT
GJSBL
1050CT
GJSBL
1060CT
V
Max. Recurrent Peak Reverse Voltage
VRRM
30
35
40
45
50
60
V
Max. RMS Voltage
VRMS
21
24.5
28
31.5
35
42
V
Max. DC Blocking Voltage
VDC
30
35
40
45
50
60
V
Max. Average Forward
@TC=95 :
Rectified Current (See Fig.1)
I(AV)
10
A
Peak Surge Forward Current
8.3ms single half sine-wave superimposed
on rated load (JEDEC METHOD)
IFSM
125
A
Max. Forward Voltage @ 5A (Note 1)
VF
0.55
0.7
V
Max. DC Reverse Current
@TJ=25 :
At Rated DC Blocking Voltage @TJ=100 :
IR
0.5
50
mA
Typical Thermal Resistance @TC=25 : (Note2)
R JC
10
: /W
Operating Temperature Range
Tj
-55 ~ +125
:
Storage Temperature Range
Tstg
-55 ~ +150
:
Notes: 1. 300us Pulse Width, 2% Duty Cycle.
2. Thermal Resistance Junction to Case.
TO-252


Similar Part No. - GJSBL1035CT

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030CT ETL-GJSBL1030CT Datasheet
319Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results

Similar Description - GJSBL1035CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com