Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPPSLM31.14-RJRL-P1P2-1 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GPPSLM31.14-RJRL-P1P2-1
Description  The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GPPSLM31.14-RJRL-P1P2-1 Datasheet(HTML) 1 Page - OSRAM GmbH

  GPPSLM31.14-RJRL-P1P2-1 Datasheet HTML 1Page - OSRAM GmbH GPPSLM31.14-RJRL-P1P2-1 Datasheet HTML 2Page - OSRAM GmbH GPPSLM31.14-RJRL-P1P2-1 Datasheet HTML 3Page - OSRAM GmbH GPPSLM31.14-RJRL-P1P2-1 Datasheet HTML 4Page - OSRAM GmbH GPPSLM31.14-RJRL-P1P2-1 Datasheet HTML 5Page - OSRAM GmbH GPPSLM31.14-RJRL-P1P2-1 Datasheet HTML 6Page - OSRAM GmbH GPPSLM31.14-RJRL-P1P2-1 Datasheet HTML 7Page - OSRAM GmbH GPPSLM31.14-RJRL-P1P2-1 Datasheet HTML 8Page - OSRAM GmbH GPPSLM31.14-RJRL-P1P2-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
GP PSLM31.14
1 Version 1.5 | 2021-07-26
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
GP PSLM31.14
DURIS® S 5
The compact, mid-power Duris® S 5 LED with in-
dustry standard 3030 package that comes with high
efficacy, color quality and long lifetime. Ideal choice
for indoor General Lighting applications.
—
—
Architecture
—
—
Architecture / Garden Lighting (LED & Laser)
—
—
Horticulture Lighting
—
—
Medical Illumination
—
—
Photo Therapy
Features:
—
—
Package: white SMT package, colored diffused silicone resin
—
—
Typ. Radiation: 120° (Lambertian emitter)
—
—
ESD: 4 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3A)
—
—
Radiant Flux: typ. 128 mW
—
—
Radiant Efficiency: typ. 45 %
—
—
Photosynthetic Photon Flux: typ. 0.58 μmol/s
—
—
Photon Efficacy: typ. 2.07 μmol/j


Similar Part No. - GPPSLM31.14-RJRL-P1P2-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GPPSLR31.14 OSRAM-GPPSLR31.14 Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2021-07-26
GPPSLR31.14-TKTL-P1P2-1 OSRAM-GPPSLR31.14-TKTL-P1P2-1 Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2021-07-26
GPPSLR31.14-TLTM-P1P2-1 OSRAM-GPPSLR31.14-TLTM-P1P2-1 Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2021-07-26
More results

Similar Description - GPPSLM31.14-RJRL-P1P2-1

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C4-2780XS01F0600 LUMILEDS-L2C4-2780XS01F0600 Datasheet
3Mb / 18P
High efficacy with industry standard footprint
20191013
L130-2780HB30000B1 LUMILEDS-L130-2780HB30000B1 Datasheet
2Mb / 22P
Industry leading efficacy, 3V 3030 package
20210120
logo
ams AG
GBPSLM31.13 AMSCO-GBPSLM31.13 Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2020-11-23
GDVJLPE1.14 AMSCO-GDVJLPE1.14 Datasheet
1Mb / 22P
Industry most compact high power chip-scale package LED with high performance, superior robustness and long lifetime.
Version 1.2 2022-10-17
GTJTLPS1.13 AMSCO-GTJTLPS1.13 Datasheet
1Mb / 21P
The DURIS® E 2835 color family provide excellent supreme efficacy in cost effective industry standard LED.
Version 1.3 2020-09-02
GRPSLM31.23 AMSCO-GRPSLM31.23 Datasheet
1Mb / 21P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime. Ideal choice for indoor General Lighting applications.
Version 1.5 2020-11-23
GWP9LR35.EM AMSCO-GWP9LR35.EM Datasheet
1Mb / 23P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.1 2021-08-18
GWP9LR35.PM AMSCO-GWP9LR35.PM Datasheet
1Mb / 25P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.10 2022-09-21
GWPSLM32.UL AMSCO-GWPSLM32.UL Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.6 2022-01-20
GWQSLMS2.HM AMSCO-GWQSLMS2.HM Datasheet
2Mb / 27P
The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.
Version 1.0 2023-05-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com