Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1864 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 9Page - Dallas Semiconductor DS1864 Datasheet HTML 10Page - Dallas Semiconductor DS1864 Datasheet HTML 11Page - Dallas Semiconductor DS1864 Datasheet HTML 12Page - Dallas Semiconductor DS1864 Datasheet HTML 13Page - Dallas Semiconductor DS1864 Datasheet HTML 14Page - Dallas Semiconductor DS1864 Datasheet HTML 15Page - Dallas Semiconductor DS1864 Datasheet HTML 16Page - Dallas Semiconductor DS1864 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
____________________________________________________________________
13
Pin Description
PIN
PIN NAME
DESCRIPTION
1
RSELOUT
Open-Drain Rate-Select Output
2
SDA
I2C Serial Data Input/Output
3
SCL
I2C Serial Clock Input
4
INTX-F
TX-F Input from External Device
5
INLOS
Loss of Signal Input from External Device
6
IN1
Digital Input
7
N.C.
No Connection
8
N.C.
No Connection
9
GND
Ground. All GND pins must be connected.
10
TX-D
Transmit Disable Input. Places DAC0 and DAC1 in high-impedance state.
11
RSEL
Rate Select Logic Input
12
MON3N
Voltage Monitor Input, Low Side. Used typically for RSSI.
13
MON3P
Voltage Monitor Input, High Side. Used typically for RSSI.
14
MON2
Voltage Monitor Input. Used typically for Transmit Power (TXP).
15
N.C.
No Connection
16
MON1N
Voltage Monitor Input, Low Side. Used typically for Bias Sense Current (IBIAS).
17
MON1P
Voltage Monitor Input, High Side. Used typically for Bias Sense Current (IBIAS).
18
DAC1
Lookup Table-Controlled Current Sink
19
GND
Ground. All GND pins must be connected.
20
DAC0
Lookup Table-Controlled Current Sink
21
VCC
Power Supply. All VCC pins must be connected.
22
N.C.
No Connection
23
GND
Ground. All GND pins must be connected.
24
FETG
Logic Output Driving External FET
25
TX-F
Open-Drain Fault Output
26
RX-LOS
Open-Drain Loss of Signal Output
27
OUT1
Open-Drain Digital Output
28
VCC
Power Supply. All VCC pins must be connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com