Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1864 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1864 Datasheet HTML 1Page - Dallas Semiconductor DS1864 Datasheet HTML 2Page - Dallas Semiconductor DS1864 Datasheet HTML 3Page - Dallas Semiconductor DS1864 Datasheet HTML 4Page - Dallas Semiconductor DS1864 Datasheet HTML 5Page - Dallas Semiconductor DS1864 Datasheet HTML 6Page - Dallas Semiconductor DS1864 Datasheet HTML 7Page - Dallas Semiconductor DS1864 Datasheet HTML 8Page - Dallas Semiconductor DS1864 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +95°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Relative to Ground ...........-0.5V to +6.0V
Voltage Range on Inputs Relative to Ground* .................-0.5V to
(VCC + 0.5V)
Voltage Range on DAC Pins Relative to Ground*............-0.5V to
(VCC + 0.5V)
Current into DAC Pins ...........................................................5mA
Operating Temperature Range ...........................-40°C to +95°C
Programming Temperature Range .........................0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature............See IPC/J-STD-020 Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
2.97
5.50
V
Input Logic 0 (SDA, SCL)
VIL
IIL(max) = -10µA
-0.3
+0.3 x
VCC
V
Input Logic 1 (SDA, SCL)
VIH
IIH(max) = 10µA
0.7 x
VCC
VCC +
0.3
V
VIL
Input Logic 0
-0.3
0.9
Input Logic Levels (TX-D, INLOS,
RSEL, IN1)
VIH
Input Logic 1
1.5
VCC +
0.3
V
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.97V to 5.5V, TA = -40°C to +95°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
(Notes 2 and 3)
3
5
mA
Input Leakage (SDA, SCL)
IIL
-1
+1
µA
VOL1
3mA sink current
0.4
Low-Level Output Voltage (SDA)
VOL2
6mA sink current
0.6
V
I/O Capacitance
CI/O
For SDA/SCL
10
pF
TX-D Pullup Resistor
RPU
TA = +25°C
14
20
24
k
Ω
Digital Power-On Reset
VPOD
1.0
2.2
V
Analog Power-On Reset
VPOA
2.00
2.97
V
High-Level Output Voltage
(FETG)
VOH
4mA source current
VCC -
0.4
VCC +
0.3
V
Low-Level Output Voltage (TX-F,
LOS Voltage, FETG)
VOL
4mA sink current
0.0
0.4
V
Input Current Each I/O Pin
0.4 < VI/O < 0.9VCC
-10
+10
µA
*Not to exceed 6.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com